Electronic Components Datasheet Search
  English  ▼

X  

TLE4260 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE4260
Description  5-V Low-Drop Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4260 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE4260 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4260 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TLE 4260
Semiconductor Group
3
1998-11-01
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by
resistance adjustment, to a voltage that is proportional to the output voltage and drives
the base of the series transistor via a buffer. Saturation control as a function of the load
current prevents any over-saturation of the power element. If the output voltage goes
below 96% of its typical value, an external capacitor is discharged on pin 4 by the reset
generator. If the voltage on the capacitor reaches the lower threshold V
ST, a reset signal
is issued on pin 2 and not cancelled again until the upper threshold V
DT is exceeded. For
an output current of less than I
QN Off = 10 mA the standby changeover turns off the reset
generator. The latter is turned on again when the output current increases, the output
voltage drops below 4.2 V or the delay capacitor is discharged by external measures.
The IC also incorporates a number of internal circuits for protection against:
•Overload
• Overvoltage
• Overtemperature
• Reverse polarity
Block Diagram
Overvoltage
Monitoring
Saturation
Control and
Protection
RESET
Generator
Temperature
Sensor
Adjustment
BANDGAP
Reference
-
+
7
4
2
3
1
Input
GND
Output
RESET
Delay
RESET
AEB00578
Circuit
STANDBY
Changeover
Amplifier
Control
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com