Electronic Components Datasheet Search
  English  ▼

X  

TLE4264G Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4264G
Description  5-V Low-Drop Fixed-Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4264G Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  TLE4264G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Semiconductor Group
7
1998-11-01
TLE 4264 G
Drop Voltage
V
Dr versus
Output Current
I
Q
Current Consumption
I
q versus
Output Current
I
Q
Current Consumption
I
q versus
Input Voltage
V
i
Current Consumption
I
q versus
Output Current
I
Q
Dr
V
Ι
Q
0
25
100
200
300
400
500
600
mV
800
50
100
mA
175
75
125
=
C
125
25 C
=
700
j
T
j
T
Ι
Q
0
0
AED01980
mA
150
50
100
Ι
q
2
4
6
8
mA
12
V
i = 13.5 V
10
0
0
AED01979
R =
Ι
q
V
L
50
Ω
10
20
30
V 50
5
10
mA
15
Ω
100
L =
R
i
40
Ι
Q
0
0
AED01981
mA
30
10
20
Ι
q
0.5
1.0
1.5
2.0
mA
3.0
V
i = 13.5 V
5
15
2.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com