Electronic Components Datasheet Search
  English  ▼

X  

TLE4264G Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # TLE4264G
Description  5-V Low-Drop Fixed-Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4264G Datasheet(HTML) 9 Page - Siemens Semiconductor Group

  TLE4264G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4264G Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TLE 4264 G
Semiconductor Group
9
1998-11-01
Package Outlines
±0.1
±0.2
±0.1
0.7
4
3
2
1
6.5
3
acc. to
+0.2
DIN 6784
1.6±0.1
±0.04
0.28
0.1 max
B
M
0.25
B
A
2.3
4.6
A
M
0.25
P-SOT223-4-1
(Plastic Small Outline Transistor)
Weight approx. 0.15 g
Sorts of Packing
Package outlines for tubes, trays etc. are contained in our
Data Book “Package Information”
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com