Electronic Components Datasheet Search
  English  ▼

X  

TLE4265 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TLE4265
Description  5-V Low-Drop Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4265 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TLE4265 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TLE 4265
Semiconductor Group
5
1998-11-01
Optimum reliability and lifetime can be ensured in integrated circuits by not exceeding a
junction temperature of 125
°C during operation. Although operation up to the maximum
permissible junction temperature of 150
°C is possible, such boundary conditions, if
sustained, may affect device reliability.
Thermal Resistance
Junction ambient
R
thja
–70
K/W –
Junction-case
R
thjc
–10
K/W –
Characteristics
V
I = 13.5 V; TJ = 25 °C (unless specified otherwise)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Output voltage
V
Q
4.95
5.1V
5 mA
≤ I
Q ≤ 150 mA
6 V
≤ V
I ≤ 28 V
– 40
°C ≤ T
J ≤ 125 °C
Output-current limiting
I
Q
200
250
–
mA
–
Current consumption
I
q = II – IQ
I
q
–
750
1000
µA
I
Q = 0 mA
Current consumption
I
q = II – IQ
I
q
–
1015mA
I
Q = 150 mA
Current consumption
I
q = II – IQ
I
q
–
1520mA
I
Q = 150 mA
V
I = 4.5 V
Drop voltage
V
Dr
–
0.35
0.5
V
I
Q = 150 mA
1)
Load regulation
∆V
Q
––
25
mV
I
Q = 5 to 150 mA
Absolute Maximum Ratings (cont’d)
T
J = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit Notes
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com