Electronic Components Datasheet Search
  English  ▼

X  

TLE4265 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4265
Description  5-V Low-Drop Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4265 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4265 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4265 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TLE 4265
Semiconductor Group
6
1998-11-01
1) Drop voltage =
V
I – VQ (measured at point where VQ is 100 mV smaller than at VI = 13.5 V)
Line regulation
∆V
Q
–
1525mV
V
I = 6 to 28 V
I
Q = 150 mA
Supply-voltage rejection SVR
–54
–
dB
f
r = 100 Hz
V
r = 0.5 Vpp
Reset Generator
Switching threshold
V
RT
4.24.5
4.8V
–
Saturation voltage
V
R
–0.1
0.4
V
I
R = 1 mA
Saturation voltage
V
C
–50
100
mV
V
Q < VRT
Charge current
I
ch
710
14
µA–
Delay switching
threshold
V
dt
1.51.8
2.1V
–
Delay
t
d
–18
–
ms
C
d = 100 nF
Delay
t
t
–2
–
µs
C
d = 100 nF
Characteristics (cont’d)
V
I = 13.5 V; TJ = 25 °C (unless specified otherwise)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com