Electronic Components Datasheet Search
  English  ▼

X  

TLE4279 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # TLE4279
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4279 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button TLE4279 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 11Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 12Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 13Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 14Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 15Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 16Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Semiconductor Group
13
1998-11-01
TLE 4279
Charge Current
I
d versus
Temperature
T
j
Drop Voltage
V
dr versus
Output Current
I
Q
Switching Voltage
V
dt and Vst versus
Temperature
T
j
Reset Switching Threshold
V
re
versus Temperature
T
j
AED01803
-40
Ι
d
040
80
120 C 160
0
Ι
V = 13.5 V
2
4
6
8
10
12
14
16
A
µ
1.0 V
=
V
C
j
T
AED01805
0
V
dr
mV
0
=25 C
Ι
Q
30
60
90
120
180
mA
C
125
=
100
200
300
400
500
j
T
j
T
AED01804
-40
V
040
80
120 C 160
0
Ι
V = 13.5 V
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
V
V
st
dt
V
D
j
T
AED01806
-40
V
re
040
80
120 C 160
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
V
j
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com