Electronic Components Datasheet Search
  English  ▼

X  

TLE4279 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TLE4279
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4279 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TLE4279 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4279 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TLE 4279
Semiconductor Group
2
1998-11-01
Pin Configuration
(top view)
Pin Definitions and Functions (TLE 4279 A and TLE 4279 G)
Pin No.
Symbol
Function
1I
Input; block directly to GND on the IC with a ceramic capacitor.
2SI
Sense input; if not needed connect to Q.
3RE
Reset threshold; if not needed connect to ground.
4D
Reset delay; to select the delay time, connect to GND via
external capacitor.
5
GND
Ground
6R
Reset output; open-collector output
7SO
Sense output; open-collector output
8Q
5-V output; connect to GND with a 10
µF capacitor, ESR < 10 Ω.
GND
R
SO
D5
6
7
RE
8
4
3
2
1
AEP01668
Q
Ι
S
Ι
P-DIP-8-4
P-DSO-8-1
S
AEP01813
18
SO
7
2
R
6
3
GND
D5
4
RE
Ι
Q
Ι



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com