Electronic Components Datasheet Search
  English  ▼

X  

TLE4286G Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4286G
Description  5-V Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4286G Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  TLE4286G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLE 4286 G
Semiconductor Group
6
1998-11-01
Electrical Characteristics
6.2 V <
V
I < 36 V; VINH > VINH, ON; – 40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Output
Output voltage
V
Q
4.85
5.0
5.15
V
T
j = 25 °C;
1mA <
I
Q < 10 mA
Output voltage
V
Q
4.8
5.0
5.20
V
1 mA <
I
Q < 10 mA
Drop voltage
V
dr
0.6
0.8
1.1
V
I
Q = 10 mA
Output capacitor
C
Q
1––
µFESR ≤ 10 Ω
at 10 kHz
Output current
I
Q
10
–
40
mA
–
Current Consumption
Quiescent current
I
q
–
60
100
µA
I
Q < 10 mA;
V
I = 13.5 V
Quiescent current
(stand-by)
I
q
––1
µA
V
INH < VINH, OFF;
T
j < 85 °C
Quiescent current
(stand-by)
I
q
––5
µA
V
INH < VINH, OFF
Regulator Performance
Load regulation
∆V
Q
–
5
10
mV
0 mA <
I
Q <10 mA;
V
I = 6.2 V;
T
j ≤ 85 °C
Line regulation
∆V
Q
–510
mV
I
Q = 5 mA;
T
j ≤ 85 °C
Power supply ripple
rejection
PSRR
–60
–
dB
f
r = 100 Hz;
V
r = 0.5 VSS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com