Electronic Components Datasheet Search
  English  ▼

X  

TLE4286G Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4286G
Description  5-V Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4286G Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  TLE4286G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4286G Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLE 4286 G
Semiconductor Group
7
1998-11-01
Figure 3
Application Circuit
Logic Inhibit Input
Inhibit ON-threshold
V
INH, ON
––3.5
V
V
Q ≥ 4.8 V
Inhibit OFF-threshold
V
INH, OFF
0.3
–
–
V
V
Q ≤ 0.8 V
H-input current
I
INH, ON
–10
15
µA
V
INH = 5 V
L-input current
I
INH, OFF
– 2
0
2
µA
V
INH = 0 V
Electrical Characteristics (cont’d)
6.2 V <
V
I < 36 V; VINH > VINH, ON; – 40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
V
6.2 ... 36V
nF
100
C Ι
V Ι
GND
2, 5
TLE 4286G
34
AES02190
5V
Q
µ
1 F
Q
C
Inhibit
INH
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com