Electronic Components Datasheet Search
  English  ▼

X  

TLE4276GV Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4276GV
Description  Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4276GV Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4276GV Datasheet HTML 2Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 3Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 4Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 5Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 6Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 7Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 8Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 9Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TLE 4276
Semiconductor Group
6
1998-11-01
Operating Range
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Input voltage
V
I
V
Q +0.5
40
V
–
Junction temperature
T
j
–40
150
°C–
Thermal Resistance
Junction ambient
R
thja
–
65
K/W TO220
Junction ambient
R
thja
–
70
K/W TO2521), TO263
Junction case
R
thjc
–4K/W –
1) Soldered in, minimal footprint
Characteristics
V
I =13.5 V;
–40
°C< T
j <150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Measuring
Condition
Measuring
Circuit
min.
typ.
max.
Output voltage
V
Q
4.8
5
5.2
V
V50-Version
5mA <
I
Q < 400 mA
6V <
V
I <40 V
1
Output voltage
V
Q
8.16
8.5
8.84
V
V85-Version
5mA <
I
Q < 400 mA
9.5 V <
V
I <40 V
1
Output voltage
V
Q
9.6
10
10.4
V
V10-Version
5mA <
I
Q < 400 mA
11 V <
V
I <40 V
1
Output voltage
tolerance
∆V
Q
– 4
4
%
V-Version
V
V.A.=2.5 V
1
Output current
limitation1)
I
Q
400
600
–
mA
–
1
Current
consumption;
I
q = II – IQ
I
q
–0
10
µA
V
INH =0 V;
T
j ≤ 100 °C
1
Current
consumption;
I
q = II – IQ
I
q
–100
220
µA
I
Q =1 mA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com