Electronic Components Datasheet Search
  English  ▼

X  

TLE4276GV Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TLE4276GV
Description  Low-Drop Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4276GV Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TLE4276GV Datasheet HTML 1Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 2Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 3Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 4Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 5Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 6Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 7Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 8Page - Siemens Semiconductor Group TLE4276GV Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLE 4276
Semiconductor Group
2
1998-11-01
Functional Description
The TLE 4276 is a low-drop voltage regulator in a TO220 package. The IC regulates an
input voltage up to 40 V to
V
Qrated = 5.0 V (V50), 8.5 V (V85), 10 V (V10) and adjustable
voltage (V). The maximum output current is 400 mA. The IC can be switched off via the
inhibit input, which causes the current consumption to drop below 10
µA. The IC is short-
circuit-proof and incorporates temperature protection that disables it at over-tempera-
ture.
Dimensioning Information on External Components
The input capacitor
C
I is necessary for compensating line influences. Using a resistor of
approx. 1
Ω in series with C
I, the oscillating of input inductivity and input capacitance can
be damped. The output capacitor
C
Q is necessary for the stability of the regulation circuit.
Stability is guaranteed at values
C
Q ≥ 22 µF and an ESR of ≤ 3 Ω within the operating
temperature range.
Circuit Description
The control amplifier compares a reference voltage to a voltage that is proportional to the
output voltage and drives the base of the series transistor via a buffer. Saturation control
as a function of the load current prevents any oversaturation of the power element. The
IC also incorporates a number of internal circuits for protection against:
• Overload
• Overtemperature
• Reverse polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com