Electronic Components Datasheet Search
  English  ▼

X  

F71869ED Datasheet(PDF) 49 Page - Feature Integration Technology Inc.

Part # F71869ED
Description  Super I/O Hardware Monitor
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869ED Datasheet(HTML) 49 Page - Feature Integration Technology Inc.

Back Button F71869ED Datasheet HTML 45Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 46Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 47Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 48Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 49Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 50Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 51Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 52Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 53Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 131 page
background image
Fintek
Feature Integration Technology Inc.
Dec, 2010
V0.21P
48
F71869E
1
GPIO11_EN
R/W
1
PCIRST5#/GPIO11/IBX_SDA function select.
If IBX_ALT_EN is set , the ping function is IBX_SDA, otherwise the
pin function is determined by this bit:
0: The pin function is PCIRST5#.
1: The pin function is GPIO11.
0
GPIO10_EN
R/W
1
PCIRST4#/GPIO10/IBX_SCL function select.
If IBX_ALT_EN is set , the ping function is IBX_SCL, otherwise the pin
function is determined by this bit:
0: The pin function is PCIRST4#.
1: The pin function is GPIO10.
6.1.11 Multi-Function Select Register 3
⎯ Index 2Ah (Powered by VSB3V)
Bit
Name
R/W Default
Description
7
Reserved
R/W
0
Reserved
6
IBX_ALT_EN
R/W
0
Alternative IBX pin enable.
0: Disable IBX alternative pins.
1: Enable IBS alternative pins. See GPIO11_EN and GPIO10_EN for
detail.
5
LED_VSB_EN
R/W
0
0: disable LED_VSB from GPIO15/LED_VSB/ALERT#
1: Enable LED_VSB from GPIO15/LED_VSB_ALERT#.
4
RSTCON_PIN_EN R/W
0
RSTCON# Enable Register:
0: The pin function of GPIO12/ RSTCON#/FANCTL1 is GPIO12/
FANCTL1
1: The pin function of GPIO12/RSTCON#/FANCTL1 is RSTCON#.
3
ATX_
PWRGDSW _EN
R/W
1
ATX_PWRGDSW Enable Register:
0: The pin function of ATX_PWRGDSW /GPIO13/BEEP is determined
by GPIO13_EN.
1: The pin function is ATX_PWRGDSW.
2
FDC_GP_EN
R/W
1
Set “1” will disable FDC and change the FDC pins to GPIOs.
1
UR2_GP_EN2
R/W
1
Set “1” will change UART2 Modem control pins to GPIOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com