Electronic Components Datasheet Search
  English  ▼

X  

F71869ED Datasheet(PDF) 2 Page - Feature Integration Technology Inc.

Part # F71869ED
Description  Super I/O Hardware Monitor
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869ED Datasheet(HTML) 2 Page - Feature Integration Technology Inc.

  F71869ED Datasheet HTML 1Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 2Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 3Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 4Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 5Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 6Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 7Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 8Page - Feature Integration Technology Inc. F71869ED Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 131 page
background image
Fintek
Feature Integration Technology Inc.
Dec, 2010
V0.21P
1
F71869E
F71869E Datasheet Revision History
Version
Date
Page
Revision History
0.10P
2009/09
Preliminary version
0.11P
2009/09
106-
108
111
Add Power Saving related register
Add application circuit
0.12P
2009/09
6
109
110
Revise pin configuration
Change the package to LQFP-128
Remove the previous schematic
0.13P
2009/10
-
109
Modify GPIO6X Register Typo.
Update Application Circuit
0.14P
2009/10
13
18
Add description of trapping in FANCTL1, 2, 3
Revise typo: the default of TIMING_GPIO is timing function
Add description of trapping in FANCTL1, 2, 3
0.15P
2009/10
10
11
12
Revise pin 1, 122 description
Revise pin 2 5 description
Revise the typo of FANIN1 description
0.16P
2009/11
28
35
36
63
110
121
Add section 5.2.12 for One FAN with Multi-temperature description.
Modify section 5.6 with PECI 3.0 description
Modify Section 5.7 with EUP Timing sequence.
Add PECI 3.0 Command and register description
Modify EUP register description
Update Application Circuit
0.17P
2009/11
63
Modify register description of index 31h/36h/37h.
0.18P
2009/12
48
60
62
64
78
96
111
113
114
117
118
119
124
Modify typo of register index 29h bit2 and 2Ah bit4
Modify CASE_STS index 03h bit 0
Add NEW TSI mode enable register
⎯ Index 07h
Update configuration register
⎯ Index 0Ah (bit 1)
Add OVP option select
⎯ Index 3Fh (bit 0)
Update FAN mode select register
⎯ Index 96h (bit 2-0)
Auto swap change to default disable from enable.
Update Watchdog Timer Config. Register 1
⎯ Index F5h (bit 1, 0)
Update EUP control register
⎯ Index E1h (bit 7-6)
Update EUP control register
⎯ Index E2h (bit 7 and 0)
Update Wakeup enable register ⎯ Index E8h (bit 4)
Update PME Event status register
⎯ Index F3h (bit 3)
Add LED signal invert disable bit ⎯ Index F8h (bit 7)
Update VDDOK delay register
⎯ Index F5h (bit 7,6 & 4,3)
Update application circuit. Delete WDT_EN function of pin 122
0.19P
2010/01
45
124
Modify typo. of Chip ID description
Update Pin45 Circuit
0.20P
2010/05
81
Update register description for fan control
0.21P
2010/12
55, 56
60
10
64
17, 19
50
Update RS485 enable register description
Update OVT Register
Correct Pin Type
Add 2D – 2Fh in Voltage reading and limit register
Correct pin description
Update Wakeup Control Register ⎯ Index 2Dh bit5 description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com