Electronic Components Datasheet Search
  English  ▼

X  

SP4424 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP4424
Description  Electroluminescent Lamp Driver Dual Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4424 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP4424 Datasheet HTML 4Page - Sipex Corporation SP4424 Datasheet HTML 5Page - Sipex Corporation SP4424 Datasheet HTML 6Page - Sipex Corporation SP4424 Datasheet HTML 7Page - Sipex Corporation SP4424 Datasheet HTML 8Page - Sipex Corporation SP4424 Datasheet HTML 9Page - Sipex Corporation SP4424 Datasheet HTML 10Page - Sipex Corporation SP4424 Datasheet HTML 11Page - Sipex Corporation SP4424 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SP4424DS/16
SP4424 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
8
20
140
120
100
80
Temperature (oC)
60
40
-40
0
25
70
85
0
3.0V
2.2V
50
350
300
250
200
Temperature (oC)
150
100
-40
0
25
70
85
0
3.0V
2.2V
10
40
35
30
25
Temperature (oC)
20
15
-40
0
25
70
85
0
3.0V
2.2V
Temperature (oC)
-40
0
25
70
85
3.0V
2.2V
5
2
8
7
6
5
4
3
0
1
Peak to Peak Voltage vs. Temperature
C
COIL=220pF; CLAMP=1500pF; Load=55nF
Lamp Frequency vs. Temperature
C
COIL=220pF; CLAMP=1500pF; Load=55nF
Total Current vs. Temperature
C
COIL=220pF; CLAMP=1500pF; Load=55nF
Coil Frequency vs. Temperature
C
COIL=220pF; CLAMP=1500pF; Load=55nF
The following performance curves are intended to give the designer a relative scale from which to optimize
specific applications. Absolute measurements may vary depending upon the brand of components chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com