Electronic Components Datasheet Search
  English  ▼

X  

SP4424 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP4424
Description  Electroluminescent Lamp Driver Dual Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4424 Datasheet(HTML) 4 Page - Sipex Corporation

  SP4424 Datasheet HTML 1Page - Sipex Corporation SP4424 Datasheet HTML 2Page - Sipex Corporation SP4424 Datasheet HTML 3Page - Sipex Corporation SP4424 Datasheet HTML 4Page - Sipex Corporation SP4424 Datasheet HTML 5Page - Sipex Corporation SP4424 Datasheet HTML 6Page - Sipex Corporation SP4424 Datasheet HTML 7Page - Sipex Corporation SP4424 Datasheet HTML 8Page - Sipex Corporation SP4424 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SP4424DS/16
SP4424 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
4
linear rate. As the current in the inductor builds up,
the voltage across the inductor will decrease due to
the resistance of the coil and the "ON" resistance
of the switch: V
L=VBATTERY-IRL-VSAT. Since the
voltage across the inductor is decreasing, the current
ramp-rate also decreases which reduces the current
in the coil at the end of t
ON the energy stored in the
inductor per coil cycle and therefore the light
output. The other important issue is that maximum
current (saturation current) in the coil is set by the
design and manufacturer of the coil. If the
parameters of the application such as V
BATTERY, L,
RL or ton cause the current in the coil to increase
beyond its rated I
SAT, excessive heat will be
generated and the power efficiency will decrease
with no additional light output. The majority of the
current goes through the coil and typically less
than 3 mA is required for V
DD of the SP4424. VDD
can range from 2.2V to 5V; it is not necessary that
V
DD=VBATTERY. For example, an unregulated voltage
source (3.3V) can be directly connected to the coil,
while a regulated voltage source (2.85V) can be
connected to the IC V
DD pin.
Coil performance is also a function of the core
material and wire used -- performance variances
may be noticeable from different coil suppliers.
The Sipex SP4424 is tested using a 5mH/18
Ω coil
from Hitachi Metals. For suggested coil sources
see page 9.
The f
COIL signal controls a switch that connects
the end of the coil at pin 3 to ground or to open
circuit. The f
COIL signal is a 75% duty cycle signal.
During the time when the f
COIL signal is high, the
coil is connected from V
BATTERY to ground and a
magnetic field is generated in the coil. During
the low part of f
COIL , the ground connection is
switched open, the field collapses and the voltage
generated in the inductor is directed to the high
voltage H-bridge switches. f
COIL will send as many
charge pulses as possible in 1 Lamp Cycle.{Number of
Coil pulses in 1 lamp cycle =}
(see figure 2 on page 6). Each pulse increases the
voltage drop across the lamp in discrete steps. As
the voltage potential approaches its maximum, the
steps become smaller (see figure 1 on page 6).
The H-bridge consists of two SCR structures that
act as high voltage switches. These two switches
control the polarity of the lamp (capacitor) as it is
charged. The SCR switches are controlled by the
f
LAMP signal which is the oscillator frequency
divided by 2.
When the energy from the coil is released, a high
voltage spike is created triggering the SCR
switches. The direction of current flow is
determined by which SCR is enabled. One full
cycle of the H-bridge will create a number of
voltage steps from ground to 65V (typical) on pins
4 and 5 which are 180 degrees out of phase (see
figure 3 on page 6). A differential view of the
outputs is shown in figure 4 on page 6.
SP4424 Test Circuit
HON=VDD=ON
HON=0V=OFF
0.1
µF Low ESR
Decoupling
Capacitor
CLAMP
HON
VDD
EL2
CCOIL
VSS
Coil
EL1
220pF
SP4424
VIN=3V
+
1500pF
55nF
100
Lamp Freq
1 x
2
Coil Freq. }



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com