Electronic Components Datasheet Search
  English  ▼

X  

SP690A Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP690A
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP690A Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP690A Datasheet HTML 6Page - Sipex Corporation SP690A Datasheet HTML 7Page - Sipex Corporation SP690A Datasheet HTML 8Page - Sipex Corporation SP690A Datasheet HTML 9Page - Sipex Corporation SP690A Datasheet HTML 10Page - Sipex Corporation SP690A Datasheet HTML 11Page - Sipex Corporation SP690A Datasheet HTML 12Page - Sipex Corporation SP690A Datasheet HTML 13Page - Sipex Corporation SP690A Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SP690A/692ADS/08
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
10
The SP805L/M active-high RESET output is
the inverse of the SP690A/SP692A/SP802 RE-
SET output, and is valid with V
CC down to 1V.
Some
µP's, such as Intel's 80C51, require an
active-high reset pulse.
Watchdog Input
The watchdog circuit monitors the
µP's activity.
If the
µP does not toggle the watchdog input
(WDI) within 1.6sec, a reset pulse is triggered.
The internal 1.6sec timer is cleared by either a
reset pulse or by floating the WDI input. As long
as RESET is asserted or the WDI input is
floating, the timer remains cleared and does not
count. As soon as RESET is released and WDI
is driven high or low, the timer starts counting.
It can detect pulses as short as 50ns.
Power-Fail Comparator
The Power-Fail Comparator can be used as an
under-voltage detector to signal the failing of a
power supply (it is completely separate from the
rest of the circuitry and does not need to be
dedicated to this function). The PFI input is
compared to an internal 1.25V reference. If PFI
is less than 1.25V, PFO goes low. The external
voltage divider drives PFI to sense the
unregulated DC input to the +5V regulator. The
voltage-divider ratio can be chosen such that the
voltage at PFI falls below 1.25V just before the
+5V regulator drops out. PFO then triggers an
interrupt which signals the
µP to prepare for
power-down.
When V
BATT connects to VOUT, the power-fail
comparator is turned off and PFO is forced low
to conserve backup-battery power.
Backup-Battery Switchover
In the event of a brownout or power failure, it
may be necessary to preserve the contents of
RAM. With a backup battery installed at V
BATT,
the RAM is assured to have power if V
CC fails.
As long as V
CC exceeds the reset threshold,
V
OUT connects to VCC through a 0.6Ω PMOS
power switch. Once V
CC falls below the reset
threshold, V
CC or VBATT, whichever is higher,
switches to V
OUT.
V
BATT connects to VOUT
through a 5
Ω switch only when V
CC is below the
reset threshold and V
BATT is greater than VCC.
When V
CC exceeds the reset threshold, it is
connected to V
OUT, regardless of the voltage
applied to V
BATT Figure 13. During this time,
the diode (D1) between V
BATT and VOUT will
conduct current from V
BATT to VOUT if VBATT is
more than .6V above V
OUT.
When V
BATT connects to VOUT, backup mode is
activated and the internal circuitry will be pow-
ered from the battery Figure 14. When V
CC is
just below V
BATT, in the backup mode the
current drawn from V
BATT will be typically
30
µA. When V
CC drops to more than 1V below
V
BATT, the internal switchover comparator shuts
off and the supply current falls to less than 0.6
µA.
Reset Threshold = 4.65V in SP690A/802L/805L
Reset Threshold = 4.40V in SP692A/802M/805M
Figure 13. BACKUP-BATTERY Switchover Block Diagram
SW1
D1
D2
D3
SW2
VBATT
VCC
GND
VOUT
N
O
I
T
I
D
N
O
C1
W
S2
W
S
V
C
C
d
l
o
h
s
e
r
h
T
t
e
s
e
R
>n
e
p
Od
e
s
o
l
C
V
C
C
d
n
a
d
l
o
h
s
e
r
h
T
t
e
s
e
R
<
V
C
C
V
>
T
T
A
B
n
e
p
Od
e
s
o
l
C
V
C
C
d
n
a
d
l
o
h
s
e
r
h
T
t
e
s
e
R
<
V
C
C
V
<
T
T
A
B
d
e
s
o
l
Cn
e
p
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com