Electronic Components Datasheet Search
  English  ▼

X  

SP690A Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP690A
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP690A Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP690A Datasheet HTML 7Page - Sipex Corporation SP690A Datasheet HTML 8Page - Sipex Corporation SP690A Datasheet HTML 9Page - Sipex Corporation SP690A Datasheet HTML 10Page - Sipex Corporation SP690A Datasheet HTML 11Page - Sipex Corporation SP690A Datasheet HTML 12Page - Sipex Corporation SP690A Datasheet HTML 13Page - Sipex Corporation SP690A Datasheet HTML 14Page - Sipex Corporation SP690A Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SP690A/692ADS/08
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
11
L
A
N
G
I
SS
U
T
A
T
S
V
C
C
V
m
o
r
f
d
e
t
c
e
n
n
o
c
s
i
D
T
U
O
V
T
U
O
V
o
t
d
e
t
c
e
n
n
o
C
T
T
A
B
h
g
u
o
r
h
t
8
l
a
n
r
e
t
n
i
n
a
Ω
h
c
t
i
w
s
S
O
M
P
V
T
T
A
B
V
o
t
d
e
t
c
e
n
n
o
C
T
U
O
t
n
e
r
r
u
C
.
s
i
y
r
e
t
t
a
b
e
h
t
m
o
r
f
n
w
a
r
d
6
.
0
n
a
h
t
s
s
e
l
µ
s
a
g
n
o
l
s
a
,
A
V
C
C
V
<
T
T
A
B
.
V
1
-
I
F
P
s
i
r
o
t
a
r
a
p
m
o
c
li
a
f
-
r
e
w
o
P
.
d
e
l
b
a
s
i
d
O
F
Pw
o
l
c
i
g
o
L
T
E
S
E
Rw
o
l
c
i
g
o
L
T
E
S
E
R)
y
l
n
o
5
0
8
P
S
(
h
g
i
h
c
i
g
o
L
I
D
Wd
e
l
b
a
s
i
d
s
i
r
e
m
i
t
g
o
d
h
c
t
a
W
Using a High Capacity Capacitor
as a Backup Power Source
VBATT has the same operating voltage range as
VCC, and the battery-switchover threshold volt-
ages are typically +20mV centered at VBATT,
allowing use of a capacitor and a simple charging
circuit as a backup source (see Figure 16).
If VCC is above the reset threshold and VBATT
is 0.5V above VCC, current flows to VOUT and
VCC from VBATT until the voltage at VBATT is
less than 0.5V above VCC.
Leakage current through the capacitor charging
diode and the SP690A/SP802L/SP805L internal
power diode eventually discharges the capacitor
to VCC. Also, if VCC and VBATT start from 0.5V
above the reset threshold and power is lost at
VCC, the capacitor on VBATT discharges through
VCC until VBATT reaches the reset threshold; the
SP690A/SP802L/SP805L then switches to
battery-backup mode.
Figure 15. Allowable BACKUP-BATTERY Voltages
Figure 14. Input and Output Status in Battery-Backup Mode.
To enter the Battery-Backup mode, V
CC must be less than the
Reset threshold and less than V
BATT.
Figure 16. Backup Power Source Using High Capacity
Capacitor with SP690A/802L/805L and a +5V
±5% Supply
Figure 17. Backup Power Source Using High Capacity
Capacitor with SP692A/802M/805M and a +5V
±10% Supply
VCC
+5V
GND
VBATT
VOUT
RESET
CONNECT TO
STATIC RAM
TO
µP
0.1F
CONNECT
(RESET)*
*( ) SP805L only
VCC
+5V
GND
VBATT
VOUT
RESET
CONNECT TO
STATIC RAM
TO
µP
100K
Ω
0.1F
CONNECT
(RESET)*
*( ) SP805M only
T
R
A
P
R
E
B
M
U
NR
E
B
M
U
N
R
E
B
M
U
N
R
E
B
M
U
NR
E
B
M
U
N
M
U
M
I
X
A
M
Y
R
E
T
T
A
B
-
P
U
K
C
A
BY
R
E
T
T
A
B
-
P
U
K
C
A
B
Y
R
E
T
T
A
B
-
P
U
K
C
A
B
Y
R
E
T
T
A
B
-
P
U
K
C
A
BY
R
E
T
T
A
B
-
P
U
K
C
A
B
]
V
[
E
G
A
T
L
O
V]
V
[
E
G
A
T
L
O
V
]
V
[
E
G
A
T
L
O
V
]
V
[
E
G
A
T
L
O
V]
V
[
E
G
A
T
L
O
V
A
0
9
6
P
S
L
2
0
8
P
S
L
5
0
8
P
S
0
8
.
4
A
2
9
6
P
S
M
2
0
8
P
S
M
5
0
8
P
S
5
5
.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com