Electronic Components Datasheet Search
  English  ▼

X  

SP782 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP782
Description  Programmable Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP782 Datasheet(HTML) 1 Page - Sipex Corporation

  SP782 Datasheet HTML 1Page - Sipex Corporation SP782 Datasheet HTML 2Page - Sipex Corporation SP782 Datasheet HTML 3Page - Sipex Corporation SP782 Datasheet HTML 4Page - Sipex Corporation SP782 Datasheet HTML 5Page - Sipex Corporation SP782 Datasheet HTML 6Page - Sipex Corporation SP782 Datasheet HTML 7Page - Sipex Corporation SP782 Datasheet HTML 8Page - Sipex Corporation SP782 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
© Copyright 2000 Sipex Corporation
SP782/784
Programmable Charge Pump
The SP782 and SP784 are monolithic programmable voltage converters that produce a
positive and negative voltage from a single supply. The SP782 and SP784 are programmable
such that the charge pump outputs either a
±10V voltage or a ±5V voltage by control of two
pins. Both products require four (4) charge pump capacitors to support the resulting output
voltages. The charge pump architecture (U.S. 5,760,637) is fabricated using a low power
BiCMOS process technology.
The SP782 and SP784 charge pumps can be powered from a single +5V supply. The low
power consumption makes these charge pumps ideal for battery operated equipment. Both
offer a shutdown feature that saves battery life. A system can essentially have four (4) different
supply voltages from a single battery. Typical applications are handheld instruments,
notebook and laptop computers, and data acquisition systems.
DESCRIPTION...
s +5V Only Low Power Voltage Conversion
s Programmable Between
±5V or ±10V
s Low Power Shutdown Mode
Applications
s RS-232/RS-423 transceiver power supplies
s LCD BIAS Generator
s OP-Amp Power Supplies
11
+5V
10
µF
+
GND
VSS
13
VCC
VDD
2
SP782
C1+
C1–
C2+
C2–
1
µF
1
µF
1
µF
14
1
5
3
1
µF
16
C2+
12
D0
D1
9
8
4
6
LATCH
SD
15
11
+5V
10
µF
+
8
9
6
15
GND
16
VSS
13
VCC
VDD
D0
D1
LATCH
SD
2
SP784
C1+
C1–
C2+ (a)
C2–
10
µF
10
µF
10
µF
14
1
5
3
10
µF
12
4
C2+ (b)
®


Similar Part No. - SP782

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP782 SIPEX-SP782 Datasheet
224Kb / 16P
Programmable Charge Pump
SP782CP SIPEX-SP782CP Datasheet
224Kb / 16P
Programmable Charge Pump
SP782CT SIPEX-SP782CT Datasheet
224Kb / 16P
Programmable Charge Pump
More results

Similar Description - SP782

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1464 SEMTECH-SC1464 Datasheet
104Kb / 10P
60mA PROGRAMMABLE FIXED FREQUENCY CHARGE PUMP DOUBLER
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
MicroPower??Regulated Charge Pump
logo
Sipex Corporation
SP782 SIPEX-SP782 Datasheet
224Kb / 16P
Programmable Charge Pump
logo
Micrel Semiconductor
MIC2660 MICREL-MIC2660 Datasheet
93Kb / 8P
IttyBitty Charge Pump
logo
Maxim Integrated Produc...
MAX5008 MAXIM-MAX5008 Datasheet
225Kb / 7P
Regulated 5V USB Charge Pump with Programmable Current Limit
Rev 0; 4/02
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
Inverting Charge Pump
Rev 0; 7/00
logo
Sanken electric
SPF6001 SANKEN-SPF6001 Datasheet
133Kb / 1P
Charge pump circuit
SPF6102 SANKEN-SPF6102 Datasheet
219Kb / 1P
Charge pump circuit
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
Charge Pump
CS5230E YONGFUKANG-CS5230E Datasheet
2Mb / 10P
Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com