Electronic Components Datasheet Search
  English  ▼

X  

SP782 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP782
Description  Programmable Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP782 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP782 Datasheet HTML 6Page - Sipex Corporation SP782 Datasheet HTML 7Page - Sipex Corporation SP782 Datasheet HTML 8Page - Sipex Corporation SP782 Datasheet HTML 9Page - Sipex Corporation SP782 Datasheet HTML 10Page - Sipex Corporation SP782 Datasheet HTML 11Page - Sipex Corporation SP782 Datasheet HTML 12Page - Sipex Corporation SP782 Datasheet HTML 13Page - Sipex Corporation SP782 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
SP782/SP784 DS/08
SP782/784 Programmable Charge Pump
© Copyright 2000 Sipex Corporation
Figure 4. Charge Pump Phase 2 for
±10V.
The oscillator frequency or clock rate for
the charge pump is designed for low power
operation. The oscillator changes from a high
frequency mode (400kHz) to a low frequency
mode (20kHz) when the SD pin goes to a logic
"1". The lower frequency allows the SP782/
SP784 to conserve power when the outputs are
not being used.
EFFICIENCY INFORMATION
A charge pump theoretically produces a doubled
voltage at 100% efficiency. However in the real
world, there is a small voltage drop on the output
which reduces the output efficiency. The SP782
and SP784 can usually run 99.9% efficient with-
out driving a load. While driving a 1k
Ω load, the
SP782 and SP784 remain at least 90% efficient.
Total Output Voltage Efficiency =
[(V
OUT+) / (2*VCC)] + [(VOUT–) / (–2*VCC)] ;
V
OUT+ = 2*VCC + VDROP+
V
OUT– = –2*VCC + VDROP–
V
DROP– = (I–)*(ROUT–)
V
DROP+ = (I+)*(ROUT+)
Power Loss = I
OUT*(VDROP)
The efficiency changes as the external charge
pump capacitors are varied. Larger capacitor
values will strengthen the output and reduce
output ripple usually found in all charge pumps.
Although smaller capacitors will cost less and
Figure 6. Charge Pump Phase 3.
VCC = +5V
–10V
VDD Storage Capacitor
C1
C2
C4
+
++
–
–
–
VSS Storage Capacitor
C3
+
–
VCC = +5V
–5V
–5V
+5V
VDD Storage Capacitor
C1
C2
C4
+
++
–
–
–
VSS Storage Capacitor
C3
+
–
Figure 7. Charge Pump Phase 4.
Figure 5. Charge Pump Phase 2 for
±5V.
VCC = +5V
VDD Storage Capacitor
C1
C2
C4
+
++
–
–
–
VSS Storage Capacitor
C3
+
–
–5V
VCC = +5V
+10V
VDD Storage Capacitor
C1
C2
C4
+
++
–
–
–
VSS Storage Capacitor
C3
+
–
save board space, lower values will reduce the
output drive capability.
The output voltage ripple is also affected by the
capacitors, specifically C3 and C4. Larger val-
ues will reduce the output ripple for a given load
of current. The current drawn from either output
is supplied by just the storage capacitor, C3 or
C4, during one half cycle of the internal oscilla-
tor. Note that the output current from the postive
charge pump is the load current plus the current
taken by the negative charge pump. Thus the
formula representation for the output ripple
voltage is:
V
RIPPLE+ = {1 / (fOSC) * 1 / C3} * 0.5 * IOUT+
V
RIPPLE– = {1 / (fOSC) * 1 / C3} * 0.5 * IOUT–
To minimize the output ripple, the C3 and C4
storage capacitors can be increased to over 10
µF
whereas the pump capacitors can range from
1
µF to 5µF.
Multiple SP782/784 charge pumps can be
connected in parallel. However, the output
resistance on both pump outputs will be
reduced. The effective output resistance is the
output resistance of one pump divided by the
number of charge pumps connected. It is
important to keep the C1 and C2 capacitors
separate for each charge pump. The storage
capacitors, C3 and C4, can be shared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com