Electronic Components Datasheet Search
  English  ▼

X  

MPC5554 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC5554
Description  Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC5554 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
Electrical Characteristics
MPC5554 Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
33
3.13.4
External Bus Interface (EBI) Timing
Table 22 lists the timing information for the external bus interface (EBI).
Table 22. Bus Operation Timing1
Spec
Characteristic
and
Description
Symbol
External Bus Frequency 2, 3
Unit
Notes
40 MHz
56 MHz
66 MHz
Min.
Max.
Min.
Max.
Min.
Max.
1
CLKOUT period
TC
24.4
—
17.5
—
15.2
—
ns
Signals are measured
at 50% VDDE.
2
CLKOUT duty cycle
tCDC
45%
55%
45%
55%
45%
55%
TC
3
CLKOUT rise time
tCRT
——4
——4
——4
ns
4
CLKOUT fall time
tCFT
——4
——4
——4
ns
5
CLKOUT positive edge to output
signal invalid or Hi-Z (hold time)
External bus interface
BG 5
BR 6
BB
CS[0:3]
ADDR[8:31]
DATA[0:31] 7
BDIP
OE
RD_WR
TA
TEA 8
TS
TSIZ[0:1]
WE/BE[0:3] 9
tCOH
1.010
1.5
—
1.010
1.5
—
1.010
1.5
—ns
EBTS = 0
EBTS = 1
Hold time selectable
via SIU_ECCR
[EBTS] bit.
6
CLKOUT positive edge to output
signal valid (output delay)
External bus interface
BG 5
BR 6
BB
CS[0:3]
ADDR[8:31]
DATA[0:31] 7
BDIP
OE
RD_WR
TA
TEA 8
TS
TSIZ[0:1]
WE/BE[0:3] 9
tCOV
—
10.010
11.0
—
7.510
8.5
—
6.010
7.0
ns
EBTS = 0
EBTS = 1
Output valid time
selectable via
SIU_ECCR
[EBTS] bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com