Electronic Components Datasheet Search
  English  ▼

X  

MAX4465 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4465
Description  Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4465 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4465 Datasheet HTML 1Page - Maxim Integrated Products MAX4465 Datasheet HTML 2Page - Maxim Integrated Products MAX4465 Datasheet HTML 3Page - Maxim Integrated Products MAX4465 Datasheet HTML 4Page - Maxim Integrated Products MAX4465 Datasheet HTML 5Page - Maxim Integrated Products MAX4465 Datasheet HTML 6Page - Maxim Integrated Products MAX4465 Datasheet HTML 7Page - Maxim Integrated Products MAX4465 Datasheet HTML 8Page - Maxim Integrated Products MAX4465 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Cost, Micropower, SC70/SOT23-8, Microphone
Preamplifiers with Complete Shutdown
2
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to GND)................................................+6V
All Other Pins to GND.................................-0.3V to (VCC + 0.3V)
Output Short-Circuit Duration
OUT Shorted to GND or VCC.................................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 2.5mW/°C above +70°C) .............200mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C) ...........571mW
8-Pin SOT23 (derate 5.3mW/°C above +70°C) ...........421mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VCM = 0V, VOUT = VCC/2, RL = ∞ to VCC/2, SHDN = GND (MAX4467/MAX4468 only). TA = TMIN to TMAX, unless other-
wise noted. Typical values specified at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
Inferred from PSRR test
2.4
5.5
V
TA = +25
°C24
48
Supply Current
(Per Amplifier)
ICC
TA = TMIN to TMAX
60
µA
Supply Current in Shutdown
ISHDN
SHDN = VCC (Note 2)
5
50
nA
Input Offset Voltage
VOS
±1
±5mV
Input Bias Current
IB
VCM = -0.1V
±2.5
±100
nA
Input Offset Current Range
IOS
VCM = -0.1V
±1
±15
nA
Input Common-Mode Range
VCM
Inferred from CMRR test
-0.1
VCC - 0.1
V
Common-Mode Rejection Ratio
CMRR
-0.1V
≤ VCM ≤ VCC - 1V
80
126
dB
2.4V
≤ VCC ≤ 5.5V
80
112
MAX4465/MAX4467/MAX4469, f = 3.4kHz
75
Power-Supply Rejection Ratio
PSRR
MAX4466/MAX4468, f = 3.4kHz
80
dB
RL = 100k
Ω to VCC/2,
0.05V
≤ VOUT ≤ VCC - 0.05V
125
Open-Loop Gain
AVOL
RL = 10k
Ω to VCC/2,
0.1V
≤ VOUT ≤ VCC - 0.1V
80
95
dB
RL = 100k
Ω
10
Output Voltage Swing High
VOH
IVCC - VOHI
RL = 10k
Ω
16
50
mV
RL = 100k
Ω
10
Output Voltage Swing Low
VOL
RL = 10k
Ω
14
50
mV
Output Short-Circuit Current
To either supply rail
15
mA
Output Leakage Current
in Shutdown
SHDN = VCC, 0
≤ VOUT ≤ VCC ;
(Notes 2, 3)
±0.5
±100
nA
SHDN Logic Low
VIL
(Note 2)
VCC ✕ 0.3
V
SHDN Logic High
VIH
(Note 2)
VCC ✕ 0.7
V
SHDN Input Current
(Note 2)
2
25
nA
MAX4465/MAX4467/MAX4469
200
Gain Bandwidth Product
GBWP
MAX4466/MAX4468
600
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com