Electronic Components Datasheet Search
  English  ▼

X  

MAX4465 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4465
Description  Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4465 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4465 Datasheet HTML 2Page - Maxim Integrated Products MAX4465 Datasheet HTML 3Page - Maxim Integrated Products MAX4465 Datasheet HTML 4Page - Maxim Integrated Products MAX4465 Datasheet HTML 5Page - Maxim Integrated Products MAX4465 Datasheet HTML 6Page - Maxim Integrated Products MAX4465 Datasheet HTML 7Page - Maxim Integrated Products MAX4465 Datasheet HTML 8Page - Maxim Integrated Products MAX4465 Datasheet HTML 9Page - Maxim Integrated Products MAX4465 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-Cost, Micropower, SC70/SOT23-8, Microphone
Preamplifiers with Complete Shutdown
6
Pin Description
Typical Operating Characteristics (continued)
(VCC = +5V, VCM = 0V, VOUT = VCC/2, RL= 100kΩ to VCC/2, SHDN = GND (MAX4467/MAX4468 only), TA = +25°C, unless otherwise
noted.)
02
13
4
5
SUPPLY VOLTAGE (V)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
40
30
20
10
0
220
40
100
1k
100k
1M
70
130
100
190
160
FREQUENCY (Hz)
10k
eNOISE vs. FREQUENCY
AVCL = +1V/V
PIN
MAX4465
MAX4466
MAX4467
MAX4468
MAX4469
NAME
FUNCTION
4
6 (8)
—
OUT
Amplifier Output
—
—
1
OUTA
Amplifier Output A
—
1 (4)
—
MIC_BIAS
External Microphone Bias Network Switch
Output
3
2 (3)
—
IN-
Inverting Amplifier Input
1
3 (2)
—
IN+
Noninverting Amplifier Input
2
4 (1)
4
GND
Ground
0
5
15
10
20
25
SINK CURRENT vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
0
1.0
1.5
0.5
2.0
2.5
3.0
VCC = +5V
VCC = +2.4V
0
5
15
10
20
25
SOURCE CURRENT vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
0
1.0
1.5
0.5
2.0
2.5
3.0
VCC = +5V
VCC = +2.4V
( ) denotes S0T23 package of the MAX4467/MAX4468



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com