Electronic Components Datasheet Search
  English  ▼

X  

MAXQ613 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAXQ613
Description  16-Bit Microcontroller with Infrared Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ613 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAXQ613 Datasheet HTML 10Page - Maxim Integrated Products MAXQ613 Datasheet HTML 11Page - Maxim Integrated Products MAXQ613 Datasheet HTML 12Page - Maxim Integrated Products MAXQ613 Datasheet HTML 13Page - Maxim Integrated Products MAXQ613 Datasheet HTML 14Page - Maxim Integrated Products MAXQ613 Datasheet HTML 15Page - Maxim Integrated Products MAXQ613 Datasheet HTML 16Page - Maxim Integrated Products MAXQ613 Datasheet HTML 17Page - Maxim Integrated Products MAXQ613 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
16-Bit Microcontroller with Infrared Module
14
Carrier Generation Module
The IRCAH byte defines the carrier high time in terms of
the number of IR input clocks, whereas the IRCAL byte
defines the carrier low time.
• IR Input Clock (fIRCLK) = fSYS/2IRDIV[2:0]
• Carrier Frequency (fCARRIER) = fIRCLK/(IRCAH +
IRCAL + 2)
• Carrier High Time = IRCAH + 1
• Carrier Low Time = IRCAL + 1
• Carrier Duty Cycle = (IRCAH + 1)/(IRCAH + IRCAL + 2)
During transmission, the IRCA register is latched for
each IRV down-count interval, and is sampled along with
the IRTXPOL and IRDATA bits at the beginning of each
new IRV down-count interval so that duty-cycle variation
and frequency shifting is possible from one interval to the
next, which is illustrated in Figure 1.
Figure 2 illustrates the basic carrier generation and its
path to the IRTX output pin. The IR transmit polarity bit
(IRTXPOL) defines the starting/idle state and the carrier
polarity of the IRTX pin when the IR timer is enabled.
IR Transmission
During IR transmission (IRMODE = 1), the carrier gen-
erator creates the appropriate carrier waveform, while
the carrier modulator performs the modulation. The car-
rier modulation can be performed as a function of carrier
cycles or IRCLK cycles dependent on the setting of the
IRCFME bit. When IRCFME = 0, the IRV down counter is
clocked by the carrier frequency and thus the modula-
tion is a function of carrier cycles. When IRCFME = 1, the
IRV down counter is clocked by IRCLK, allowing carrier
modulation timing with IRCLK resolution.
The IRTXPOL bit defines the starting/idle state as well as
the carrier polarity for the IRTX pin. If IRTXPOL = 1, the
Figure 1. IR Transmit Frequency Shifting Example (IRCFME = 0)
CARRIER OUTPUT
(IRV)
IRDATA
IR INTERRUPT
0
1
IRMT = 3
0
IRTX
IRTXPOL = 1
IRTX
IRTXPOL = 0
IRCA
IRMT
IRMT = 5
IRCA = 0202h
IRCA = 0002h
IRCA, IRMT, IRDATA SAMPLED AT END OF IRV
DOWN-COUNT INTERVAL
3
1
2
0
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com