Electronic Components Datasheet Search
  English  ▼

X  

MAXQ613 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAXQ613
Description  16-Bit Microcontroller with Infrared Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ613 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAXQ613 Datasheet HTML 14Page - Maxim Integrated Products MAXQ613 Datasheet HTML 15Page - Maxim Integrated Products MAXQ613 Datasheet HTML 16Page - Maxim Integrated Products MAXQ613 Datasheet HTML 17Page - Maxim Integrated Products MAXQ613 Datasheet HTML 18Page - Maxim Integrated Products MAXQ613 Datasheet HTML 19Page - Maxim Integrated Products MAXQ613 Datasheet HTML 20Page - Maxim Integrated Products MAXQ613 Datasheet HTML 21Page - Maxim Integrated Products MAXQ613 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
16-Bit Microcontroller with Infrared Module
18
Table 3. USART Mode Details
Figure 6. Receive Burst-Count Example
Serial Peripheral Interface (SPI)
The integrated SPI provides an independent serial
communication channel that communicates synchro-
nously with peripheral devices in a multiple master or
multiple slave system. The interface allows access to
a 4-wire, full-duplex serial bus, and can be operated in
either master mode or slave mode. Collision detection
is provided when two or more masters attempt a data
transfer at the same time.
The maximum SPI master transfer rate is Sysclk/2. When
operating as an SPI slave, the device can support up to
Sysclk/4 SPI transfer rate. Data is transferred as an 8-bit
or 16-bit value, MSB first. In addition, the SPI module
supports configuration of an active SSEL state (active
low or active high) through the slave active select.
MODE
TYPE
START BITS
DATA BITS
STOP BITS
Mode 0
Synchronous
N/A
8
N/A
Mode 1
Asynchronous
1
8
1
Mode 2
Asynchronous
1
8 + 1
1
Mode 3
Asynchronous
1
8 + 1
1
1
1
4
5
6
7
8
9
TO
2
3
4
6
7
5
8
9
CARRIER FREQUENCY
CALCULATION
IRRX
IRV
IRMT
IRMT = PULSE COUNTING
IRMT = PULSE COUNTING
IRV = CARRIER CYCLE COUNTING
CAPTURE INTERRUPT (IRIF = 1).
IRV
≥ IRMT.
IRV = 0 (IF IRXRL = 1).
SOFTWARE SETS IRCA = CARRIER FREQUENCY.
SOFTWARE SETS RXBCNT = 1 (WHICH CLEARS IRMT = 0001 IN HARDWARE).
SOFTWARE CLEARS IRCFME = 0 SO THAT IRV COUNTS CARRIER CYCLES. IRV IS RESET TO 0 ON QUALIFIED EDGE DETECTION IF IRXRL = 1.
SOFTWARE ADDS TO IRMT THE NUMBER OF PULSES USED FOR CARRIER MEASUREMENT.
IRCA x 2x COUNTER FOR SPACE CAN BEGIN IMMEDIATELY (QUALIFIED EDGE RESETS).
QUALIFIED EDGE DETECTED: IRMT++
IRV RESET TO 0 IF IRXRL = 1.
IRCA x 2 PERIOD ELAPSES: IRIF = 1; CARRIER ABSENCE = SPACE.
BURST MARK = IRMT PULSES.
SOFTWARE CLEARS RXBCNT = 0 SO THAT WE CAPTURE ON THE NEXT QUALIFIED EDGE.
QUALIFIED EDGE DETECTED: IRIF = 1, CAPTURE IRV IRMT AS THE BURST SPACE (PLUS UP TO ONE CARRIER CYCLE).
SOFTWARE SET RXBCNT = 1 AS IN (5).
CONTINUE (5) TO (8) UNTIL LEARNING SPACE EXCEEDS SOME DURATION. IRV ROLLOVERS CAN BE USED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com