Electronic Components Datasheet Search
  English  ▼

X  

MAX44261 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX44261
Description  1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44261 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX44261 Datasheet HTML 7Page - Maxim Integrated Products MAX44261 Datasheet HTML 8Page - Maxim Integrated Products MAX44261 Datasheet HTML 9Page - Maxim Integrated Products MAX44261 Datasheet HTML 10Page - Maxim Integrated Products MAX44261 Datasheet HTML 11Page - Maxim Integrated Products MAX44261 Datasheet HTML 12Page - Maxim Integrated Products MAX44261 Datasheet HTML 13Page - Maxim Integrated Products MAX44261 Datasheet HTML 14Page - Maxim Integrated Products MAX44261 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
MAX44260/MAX44261
1.8V 15MHz Low-Offset,
Low-Power, Rail-to-Rail I/O Op Amps
Applications Information
Power-Up Autotrim
The ICs feature an automatic trim that self-calibrates the
VOS of these devices to less than 50FV of input offset
voltage on power-up. This self-calibration feature allows
the device to eliminate input offset voltage effects due
to power supply and operating temperature variation
simply by cycling its power. The autotrim sequence takes
approximately 10ms to complete and is triggered by an
internal power-on-reset (POR) circuitry. During this time,
the inputs and outputs are put into high impedance and
left unconnected. The MAX44261 can also be forced into
a self-calibration cycle by pulling the CAL input low for
1µs. This input also puts the part into shutdown mode.
Shutdown Operation
The MAX44260 features an active-low shutdown mode
that puts both inputs and outputs into high impedance
and substantially lowers the quiescent current to less
than 1FA. Putting the output into high impedance allows
multiple outputs to be multiplexed onto a single output
line without the additional external buffers. The device
does not self-calibrate when exiting shutdown mode
and retains its power-up trim settings. Figure 3 shows
that the device also recovers from shutdown in under
30Fs.
The MAX44261 features a recalibrate input that acts the
same as the shutdown mode of the MAX44260. However,
when the input is pulled low, the device goes through a
self-calibration sequence again (Figure 3).
The shutdown logic levels of the devices are indepen-
dent of supply, allowing the shutdown feature of the
device to operate off of a 1.8V or 3.3V microcontroller,
regardless of supply voltage.
Rail-to-Rail Input/Output
The input voltage range of the ICs extends 100mV
above VDD and below VSS. The wide input common-
mode voltage range allows the op amp to be used as
a buffer and as a differential amplifier in a wide-variety
of signal processing applications. Output voltage high/
low is designed to be only 50mV above VSS and below
VDD allowing maximum dynamic range in single-supply
applications. The high output current and capacitance
drive capability of the devices make them ideal as an
ADC driver and a line driver.
Figure 3. CAL vs. SHDN Input Operation
VDD/2
0V
0V
VSHDN/VCAL
MAX44261
OUTPUT
30µs
10ms
AUTOTRIM
SEQUENCE
RECALIBRATED
AMPLIFIER
ACTIVE
MAX44260
OUTPUT
VDD/2
0V
VDD
FAST RECOVERY
AMPLIFIER
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com