Electronic Components Datasheet Search
  English  ▼

X  

MAX44261 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX44261
Description  1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44261 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX44261 Datasheet HTML 1Page - Maxim Integrated Products MAX44261 Datasheet HTML 2Page - Maxim Integrated Products MAX44261 Datasheet HTML 3Page - Maxim Integrated Products MAX44261 Datasheet HTML 4Page - Maxim Integrated Products MAX44261 Datasheet HTML 5Page - Maxim Integrated Products MAX44261 Datasheet HTML 6Page - Maxim Integrated Products MAX44261 Datasheet HTML 7Page - Maxim Integrated Products MAX44261 Datasheet HTML 8Page - Maxim Integrated Products MAX44261 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
MAX44260/MAX44261
1.8V 15MHz Low-Offset,
Low-Power, Rail-to-Rail I/O Op Amps
IN+, IN-, OUT .................................(VSS - 0.3V) to (VDD + 0.3V)
VDD to VSS...............................................................-0.3V to +6V
SHDN, CAL .............................................................-0.3V to +6V
Output to Short-Circuit Ground Duration .............................. 10s
Continuous Input Current into Any Pin............................ Q20mA
Continuous Power Dissipation (TA = +70NC)
SC70 (derate 3.1mW/NC above +70NC) ......................245mW
6-Pin Thin µDFN (Ultra-Thin LGA)
(derate 2.1mW/NC above +70NC) .............................110.2mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
SC70
Junction-to-Ambient Thermal Resistance (BJA) .... 326.5NC/W
Junction-to-Case Thermal Resistance (BJC) .............115NC/W
Thin µDFN (Ultra-Thin LGA)
Junction-to-Ambient Thermal Resistance (BJA) ....... 470NC/W
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VDD = 3.3V, VSS = 0V, VIN+ = VIN- = VDD/2, RL = 10kI to VDD/2, VCAL = VSHDN = VDD, TA = -40NC to +125NC. Typical values are
at TA = +25NC, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Input Voltage Range
VIN+ VIN-
Guaranteed by CMRR test
-0.1
VDD
+ 0.1
V
Input Offset Voltage
VOS
TA = +25NC
10
50
F
V
TA = -40°C to +125°C after calibration
100
TA = -40°C to +125°C
500
Input Offset Voltage Drift
VOS - TC
0.8
5
F
V/NC
Input Bias Current (Note 3)
IB
TA = +25NC
0.01
0.5
pA
TA = -40NC to +85NC
10
TA = -40NC to +125NC
100
Input Capacitance
CIN
0.4
pF
Common-Mode Rejection Ratio
CMRR
VCM = -0.1V to (VDD + 0.1V)
75
90
dB
Open-Loop Gain
AOL
0.4V P VOUT P VDD - 0.4V, ROUT = 10kI
100
115
dB
0.4V P VOUT P VDD - 0.4V, ROUT = 600I
91
100
0.4V P VOUT P VDD - 0.4V, ROUT = 32I
80
Output Short-Circuit Current
ISC
To VDD or VSS
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com