Electronic Components Datasheet Search
  English  ▼

X  

FS3K Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FS3K
Description  3.0AMPS. Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FS3K Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FS3K Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FS3K Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
SMC/DO-214AB
Features
For surface mounted application
Glass passivated junction chip
Built-in strain relief, ideal for automated
placement
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Fast switching for high efficiency
High temperature soldering:
260
oC /10 seconds at terminals
Mechanical Data
Cases: Molded plastic
Terminals: Pure tin plated, Lead free.
Polarity: Indicated by cathode band
Weight: 0.21 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
FS
3A
FS
3B
FS
3D
FS
3G
FS
3J
FS
3K
FS
3M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
See Fig. 1 @TL=75
oC
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
100
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
1.3
V
Maximum DC Reverse Current @ TA =25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
250
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
60
pF
Typical Thermal Resistance (Note 3)
RθJA
RθJL
50
15
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B. with
0.6” x 0.6” ( 16mm x 16 mm ) Copper Pad Areas.
FS3A-FS3M
3.0AMPS. Surface Mount Fast Recovery Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - FS3K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS3K ETC1-FS3K Datasheet
50Kb / 2P
3 Amp. Surface Mounted Glass Passivated Rectifier
logo
Shenzhen Luguang Electr...
FS3KB LUGUANG-FS3KB Datasheet
184Kb / 2P
Surface Mount Rectifiers
logo
Mitsubishi Electric Sem...
FS3KM MITSUBISHI-FS3KM Datasheet
44Kb / 4P
HIGH-SPEED SWITCHING USE
FS3KM-10 MITSUBISHI-FS3KM-10 Datasheet
44Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FS3KM-10 POWEREX-FS3KM-10 Datasheet
50Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results

Similar Description - FS3K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ESH3B TSC-ESH3B Datasheet
152Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
ES3A TSC-ES3A_11 Datasheet
229Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
S3A TSC-S3A_11 Datasheet
217Kb / 2P
3.0AMPS Surface Mount Rectifiers
S3AB TSC-S3AB_11 Datasheet
190Kb / 2P
3.0AMPS Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
ES3A LUGUANG-ES3A Datasheet
243Kb / 2P
3.0AMPS Surface Mount Super Fast Rectifiers
RS3A LUGUANG-RS3A Datasheet
214Kb / 2P
3.0AMPS. Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
ES3A TSC-ES3A_13 Datasheet
289Kb / 4P
3.0AMPS Surface Mount Super Fast Rectifiers
S3GR6 TSC-S3GR6 Datasheet
211Kb / 2P
3.0AMPS Surface Mount Rectifiers
FR301 TSC-FR301_13 Datasheet
416Kb / 4P
3.0AMPS. Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
BY396 CHONGQING-BY396_16 Datasheet
178Kb / 1P
3.0AMPS . FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com