Electronic Components Datasheet Search
  English  ▼

X  

FS3K Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FS3K
Description  3.0AMPS. Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FS3K Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FS3K Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FS3K Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.1
0.01
1
10
100
0
Tj=125 C
0
Tj=25 C
0
Tj=75 C
1
Pulse Width=300 s
1% Duty Cycle
0
Tj=25C
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
10
100
10
100
REVERSE VOLTAGE. (V)
0
Tj=25C
f=1.0MHz
Vsig=50mVp-p
RATINGS AND CHARACTERISTIC CURVES (
FS3A THRU FS3M)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
0
100
150
200
0
1.0
2.0
2.5
3.0
o
LEAD TEMPERATURE. ( C)
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
0.6 X 0.6" ( 16 X 16mm )
COPPER PAD AREAS
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
0
100
25
50
75
125
150
NUMBER OF CYCLES AT 60Hz
Tj=Tj max.
8.3ms Single Half Sine Wave
JEDEC Method
FIG.2- TYPICAL REVERSE CHARACTERISTICS
FIG.5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.6
0.8
1.0
0.4
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
FORWARD VOLTAGE. (V)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
0
Tj=-40 C
0
Tj=125C
FS3A-FS3M
3.0AMPS. Surface Mount Fast Recovery Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com