Electronic Components Datasheet Search
  English  ▼

X  

SL1062A Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL1062A
Description  Low Voltage Transmission Circuit with Dialler Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL1062A Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL1062A Datasheet HTML 1Page - System Logic Semiconductor SL1062A Datasheet HTML 2Page - System Logic Semiconductor SL1062A Datasheet HTML 3Page - System Logic Semiconductor SL1062A Datasheet HTML 4Page - System Logic Semiconductor SL1062A Datasheet HTML 5Page - System Logic Semiconductor SL1062A Datasheet HTML 6Page - System Logic Semiconductor SL1062A Datasheet HTML 7Page - System Logic Semiconductor SL1062A Datasheet HTML 8Page - System Logic Semiconductor SL1062A Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SL1062A
System Logic
Semiconductor
SLS
Low Voltage Transmission Circuit
with Dialler Interface
The SL1062A is an integrated circuit that perform all speech and line
interface functions required in fully electronic telephone sets. They
perform electronic switching between dialling and speech. The ICs
operate at line voltage down to 1.6 V DC (with reduced performance)
to facilitate the use of more telephone sets connected in parallel.
• Low DC line voltage: operates down to 1.6 V (excluding polarity
guard)
• Voltage regulator with adjustable static resistance
• Provides a supply for external circuits
• Symmertical high-impedance inputs (64 KΩ) for dynamic,
magnetic or piezo-electric microphones
• Asymmetrical high-impedance input (32 KΩ) for electret
microphones
• DTMF signal input with confidence tone
• Mute input for pulse or DTMF dialing:
active LOW (MUTE)
• Receiving amplifier for dynamic, magnetic or piezo-electric
earpieces
• Large gain setting ranges on microphone and earpiece amplifiers
• Line loss compensation (line current dependent) for microphone
and earpiece amplifiers
• Gain control curve adaptable to exchange supply
• DC line voltage adjustment facility
ORDERING INFORMATION
SL1062AN Plastic
TA = -25
° to 75° C
for package
PIN ASSIGNMENT
BLOCK DIAGRAM


Similar Part No. - SL1062A

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SL1060 CHENDA-SL1060 Datasheet
3Mb / 2P
10 0A Surface Mount Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SL1060 JUXING-SL1060 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
logo
Microdiode Semiconducto...
SL1060 CHENDA-SL1060 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SL1060.10A-TO-277 DGNJDZ-SL1060.10A-TO-277 Datasheet
356Kb / 2P
10.0A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SL1062A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com