Electronic Components Datasheet Search
  English  ▼

X  

SL20T0081 Datasheet(PDF) 39 Page - System Logic Semiconductor

Part # SL20T0081
Description  SLS System Logic Semiconductor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL20T0081 Datasheet(HTML) 39 Page - System Logic Semiconductor

Back Button SL20T0081 Datasheet HTML 35Page - System Logic Semiconductor SL20T0081 Datasheet HTML 36Page - System Logic Semiconductor SL20T0081 Datasheet HTML 37Page - System Logic Semiconductor SL20T0081 Datasheet HTML 38Page - System Logic Semiconductor SL20T0081 Datasheet HTML 39Page - System Logic Semiconductor SL20T0081 Datasheet HTML 40Page - System Logic Semiconductor SL20T0081 Datasheet HTML 41Page - System Logic Semiconductor SL20T0081 Datasheet HTML 42Page - System Logic Semiconductor SL20T0081 Datasheet HTML 43Page - System Logic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
SLS System Logic Semiconductor
SL20T0081
Set Static Indicator State
Consists of two bytes instruction. The first byte instruction (set Static Indicator Mode) enables the second byte
instruction (set Static Indicator Register) to be valid. The first byte sets the static indicator ON /OFF. When it is on, the
second byte updates the contents of static indicator register without issuing any other instruction and this Static
Indicator state is released after setting the data of indicator register.
RS
RW
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
0
1
0
1
1
0
SM
The 2
nd Instruction : Set Static Indicator Register
RS
RW
D7
D6
D5
D4
D3
D2
D1
D0
0
0
x
x
x
x
x
x
S0
S1
The 1st Instruction : Set Static Indicator Mode (ON/OFF)
SM = 0: static instruction OFF
SM = 1: static instruction ON
S0
S1
Status of static indicator output
0
0
OFF
1
0
ON (about 1 second blinking)
1
0
ON (about 0.5 second blinking)
1
1
ON (always ON)
NOP
Non Operation Instruction
RS
RW
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
1
0
0
0
1
1
Test Instruction (Test Instruction_1 &Test Instruction_2)
Thee are the instruction for IC chip testing. Please do not use it. If the test instruction is used by accident,it can be
cleared by applying “0” signal to the RESET input pin or the reset instruction.
RS
RW
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
1
1
x
x
x
x
0
0
1
0
0
1
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com