Electronic Components Datasheet Search
  English  ▼

X  

SL2410 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # SL2410
Description  Tone Ringer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL2410 Datasheet(HTML) 3 Page - System Logic Semiconductor

  SL2410 Datasheet HTML 1Page - System Logic Semiconductor SL2410 Datasheet HTML 2Page - System Logic Semiconductor SL2410 Datasheet HTML 3Page - System Logic Semiconductor SL2410 Datasheet HTML 4Page - System Logic Semiconductor SL2410 Datasheet HTML 5Page - System Logic Semiconductor SL2410 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SL2410
System Logic
Semiconductor
SLS
ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND, T
A = -45 to +65
°C)
Guaranteed Limits
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSI
Initiation Supply Voltage
(1)
See Fig. 1
16.8
21.2
V
ISI
Initiation Supply Current
(1)
1.4
4.2
mA
VSUS
Sustaining Voltage (2)
See Fig. 1
9.5
12.2
V
ISUS
Sustaining Current (2)
No Load VCC=VSUS
See Fig. 1
0.7
2.5
mA
VTR
Trigger Voltage (3)
VCC=15V
8.8
12.2
V
ITR
Trigger Current (3,5)
VCC=15V
5.0
1000
µA
VDIS
Disable Voltage (4)
VCC=21V
-
0.7
V
IDIS
Disable Current (4)
VCC=15V
-20
-
µA
VOH
High-Level Output
Voltage
VCC=21V, IOH=-15mA, Pin
6=6V, Pin 7=GND
16.7
21.0
V
VOL
Low-Level Output
Voltage
VCC=21V, IOL=15mA, Pin
6=GND, Pin 7=6V
-
1.8
V
IIN
Maximun Input Leakage
Current
(Pin 3)
Pin 3=6V,
Pin 4=GND, VCC=21V
-
1.0
µA
(Pin 7)
Pin 7=6V,
Pin 6=GND, VCC=21V
-
1.0
µA
fH1
High Frequency 1
R3=191K
Ω,C
3=6800pF
461
563
Hz
fH2
High Frequency 2
R3=191K
Ω,C
3=6800pF
576
704
Hz
fL
Low Frequency
R2=165K
Ω, C
2=0.47
µF
9.0
11.0
Hz
Notes:
1. Initiation supply voltage (VSI) is the supply voltage required to start the tone ringer oscillating.
2. Sustaining voltage (VSUS) is the supply voltage required to maintain oscillation.
3. VTR and ITR are the conditions applied to trigger in to start oscillation for VSUS
≤V
CC
≤V
SI.
4. VDIS and IDIS are the conditions applied to trigger in to inhibit oscillation for VSI
≤V
CC.
5. Trigger current must be limited to this value ext ernally.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com