Electronic Components Datasheet Search
  English  ▼

X  

SL2410 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL2410
Description  Tone Ringer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL2410 Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL2410 Datasheet HTML 1Page - System Logic Semiconductor SL2410 Datasheet HTML 2Page - System Logic Semiconductor SL2410 Datasheet HTML 3Page - System Logic Semiconductor SL2410 Datasheet HTML 4Page - System Logic Semiconductor SL2410 Datasheet HTML 5Page - System Logic Semiconductor SL2410 Datasheet HTML 6Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SL2410
System Logic
Semiconductor
SLS
PIN DESCRIPTION
NAME
PIN
DESCRIPTION
VCC
1
Positive power supply.
RE
2
Initiation of oscillation start input
LFI
3
Low frequency oscillator input
LF0
4
Low frequency oscillator output
GND
5
Negative power supply
HF0
6
High frequency oscillator output
HFI
7
High frequency oscillator input
OUT
8
Tone output
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
to +30.0
V
PD
Power Dissipation in Still Air, Plastic DIP
400
mW
Tstg
Storage Temperature
-65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
13.0
29.0
V
TA
Operating Temperature
-45
+65
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(V
IN or VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com