Electronic Components Datasheet Search
  English  ▼

X  

SS63 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SS63
Description  6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SS63 Datasheet(HTML) 1 Page - Frontier Electronics.

  SS63 Datasheet HTML 1Page - Frontier Electronics. SS63 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS62 THRU SS610
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS62 THRU SS610
FEATURES
FOR SURFACE MOUNTED APPLICATIONS
LOW PROFILE PACKAGE
BUILT-IN STRAIN RELIEF
EASY PICK AND PLACE
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY CLASSIFICATION 94 V-0
EXTREMELY LOW VF
MAJORITY CARRIER CONDUCTION
HIGH TEMPERATURE SOLDERING: 250°C/10 SECONDS
AT TERMINALS
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO-214AB (SMC), DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDER PLATED
POLARITY INDICATED BY CATHODE BAND
WEIGHT 0.21 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD.
FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
SS62
SS63
SS64
SS65
SS66
SS68
SS610 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
20
30
40
50
60
80
100
V
MAXIMUM RMS VOLTAGE
VRMS
14
21
28
35
42
56
70
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
20
30
40
50
60
80
100
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
SEE FIG.1
IO
6.0
A
MAXIMUM OVERLOAD SURGE 8.3ms SINGLE HALF SINE-WAVE
IFSM
150
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
300
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
RθjL
17
℃/W
TYPICAL THERMAL RESISTANCE (NOTE 2)
RθjA
55
℃/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
℃
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 125
℃
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
SS62
SS63
SS64
SS65
SS66
SS68
SS610 UNITS
MAXIMUM FORWARD VOLTAGE AT 6.0A AND 25
℃
VF
0.55
0.70
0.85
V
MAXIMUM REVERSE CURRENT AT 25
℃
IR
1
mA
NOTE:
1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 V
2. P.C.B. MOUNTED 0.55”×0.55 “(14×14 mm ) 0.013mm THICK COPPER PAD AREAS
3. SMA PACKAGE SUFFIX “ A” , SMB PACKAGE SUFFIX “B”, SMC NO SUFFIX
.060(1.52)
.030(0.76)
.320(8.13)
.305(7.75)
.103(2.62)
.079(2.06)
.280(7.11)
.260(6.60)
.245(6.22)
.220(5.59)
.126(3.20)
.114(2.90)
CATHODE


Similar Part No. - SS63

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
SS63 ASEMI-SS63 Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS63-LFR FRONTIER-SS63-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SEC Electronics Inc.
SS632 SECELECTRONICS-SS632 Datasheet
265Kb / 10P
Hall Latch - High Sensitivity
SS632ESOT SECELECTRONICS-SS632ESOT Datasheet
265Kb / 10P
Hall Latch - High Sensitivity
SS632EUA SECELECTRONICS-SS632EUA Datasheet
265Kb / 10P
Hall Latch - High Sensitivity
More results

Similar Description - SS63

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
MBRD620CT FRONTIER-MBRD620CT Datasheet
124Kb / 2P
6A DUAL SCHOTTKY BARRIER RECTIFIERS
MBRD620CT-LFR FRONTIER-MBRD620CT-LFR Datasheet
124Kb / 2P
6A DUAL SCHOTTKY BARRIER RECTIFIERS
SS62B FRONTIER-SS62B Datasheet
124Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS62B-LFR FRONTIER-SS62B-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS62-LFR FRONTIER-SS62-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com