Electronic Components Datasheet Search
  English  ▼

X  

SS63 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SS63
Description  6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SS63 Datasheet(HTML) 2 Page - Frontier Electronics.

  SS63 Datasheet HTML 1Page - Frontier Electronics. SS63 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS62 THRU SS610
Page: 2
RATINGS AND CHARACTERISTIC CURVE SS62 THRU SS610
FIG. 1 - FORWARD CURRENT
DERATING CURVE
8.0
6.0
4.0
2.0
0
0
25
50
75
100
125
150
175
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE,
℃
P.C.B MOUNTED ON
0.3×0.3”(8.0×8.0mm)
COPPER PAD AREAS
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1 .3
.5
.7
.9
1.1 1.3 1.5 1.7 1.9
2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25℃
PULSE WIDTH=300us 1% DUTY CYCLE
SS62~SS64
SS65~SS610
FIG. 3A - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ=125℃
TJ=75℃
TJ=25℃
SS62~SS64
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
SS65~SS610
FIG. 3B - TYPICAL REVERSE
CHARACTERISTICS
TJ=150℃
TJ=75℃
TJ=25℃
TJ=125℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com