Electronic Components Datasheet Search
  English  ▼

X  

DS1321 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1321
Description  Flexible Nonvolatile Controller with Lithium Battery Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1321 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1321 Datasheet HTML 3Page - Maxim Integrated Products DS1321 Datasheet HTML 4Page - Maxim Integrated Products DS1321 Datasheet HTML 5Page - Maxim Integrated Products DS1321 Datasheet HTML 6Page - Maxim Integrated Products DS1321 Datasheet HTML 7Page - Maxim Integrated Products DS1321 Datasheet HTML 8Page - Maxim Integrated Products DS1321 Datasheet HTML 9Page - Maxim Integrated Products DS1321 Datasheet HTML 10Page - Maxim Integrated Products DS1321 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS1321
7 of 13
Input Leakage
IIL
-1.0
+1.0
µA
Output Leakage
ILO
-1.0
+1.0
µA
Battery Monitoring Test Load
RINT
0.8
1.2
1.5
MΩ
DC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCCI < VBAT; VCCI < VCCTP)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Battery Current
IBAT
100
nA
3
Battery Backup Current
ICCO3
500
µA
7
Supply Voltage
VCCO
VBAT-0.2
V
2
CEO
Output
VOHL
VBAT-0.2
V
2, 9
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
( CEI *, TOL, MODE)
CIN
7
pF
Output Capacitance
( CEO *, BW , RST )
COUT
7
pF
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCCI ≥ VCCTP)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CEI
to CEO Propagation Delay
tPD
12
20
ns
CE
Pulse Width
tCE
1.5
µs
12
VCC Valid to End of
Write Protection
tREC
125
ms
10
VCC Valid to CEI Inactive
tPU
2
ms
VCC Valid to RST Inactive
tRPU
150
200
350
ms
11
VCC Valid to BW Valid
tBPU
1
s
11
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCCI < VCCTP)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC Slew Rate
tF
150
µs
VCC Fail Detect to RST Active
tRPD
15
µs
11
VCC Slew Rate
tR
15
µs
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCCI ≥ VCCTP)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Battery Test to BW Active
tBW
1
s
11
Battery Test Cycle-Normal
tBTCN
24
hr
Battery Test Cycle-Warning
tBTCW
5
s
Battery Test Pulse Width
tBTPW
1
s
Battery Detach to Battery Attach
tBDBA
7
s
Battery Attach to BW Inactive
tBABW
1
s
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com