Electronic Components Datasheet Search
  English  ▼

X  

DS1321 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1321
Description  Flexible Nonvolatile Controller with Lithium Battery Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1321 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1321 Datasheet HTML 2Page - Maxim Integrated Products DS1321 Datasheet HTML 3Page - Maxim Integrated Products DS1321 Datasheet HTML 4Page - Maxim Integrated Products DS1321 Datasheet HTML 5Page - Maxim Integrated Products DS1321 Datasheet HTML 6Page - Maxim Integrated Products DS1321 Datasheet HTML 7Page - Maxim Integrated Products DS1321 Datasheet HTML 8Page - Maxim Integrated Products DS1321 Datasheet HTML 9Page - Maxim Integrated Products DS1321 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DS1321
6 of 13
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground
-0.5V to +6.0V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature (reflow, SO or TSSOP)
+260°C
Lead Temperature (soldering, 10s)
+300°C
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of
time may affect reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
PDIP
Junction-to-Ambient Thermal Resistance (θJA).…………………...………………………......95°C/W
Junction-to-Case Thermal Resistance (θJC)……………………………………………………35°C/W
SO
Junction-to-Ambient Thermal Resistance (θJA).…………………...………………………......75°C/W
Junction-to-Case Thermal Resistance (θJC)……………………………………………………24°C/W
TSSOP
Junction-to-Ambient Thermal Resistance (θJA).……………………………………………..73.8°C/W
Junction-to-Case Thermal Resistance (θJC)……………………………………………………20°C/W
Note 1:
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board
for the SMT packages. For detailed information on package thermal considerations, refer to
www.maxim-ic.com/thermal-tutorial.
RECOMMENDED OPERATING CONDITIONS
(-40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage TOL=GND
VCCI
4.75
5.0
5.5
V
2
Supply Voltage TOL=VCCO
VCCI
4.5
5.0
5.5
V
2
Battery Supply Voltage
VBAT
2.0
3.0
6.0
V
2
Logic 1 Input
VIH
2.0
VCCI+0.3
V
2. 13
Logic 0 Input
VIL
-0.3
+0.8
V
2, 13
DC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C; VCCI ≥ VCCTP)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Operating Current (TTL inputs)
ICC1
1
1.5
mA
3
Operating Current (CMOS inputs)
ICC2
100
150
µA
3, 6
RAM Supply Voltage
VCCO
VCC1
-0.2
V
2
RAM Supply Current
(VCCO ≥ VCCI -0.2V)
ICCO1
185
mA
4
Supply Current
(VCCO ≥ VCCI -0.3V)
ICCO2
260
mA
5
VCC Trip Point (TOL=GND)
VCCTP
4.50
4.62
4.75
V
2
VCC Trip Point (TOL=VCCO)
VCCTP
4.25
4.37
4.50
V
2
VBAT Trip Point
VBTP
2.50
2.6
2.70
V
2
Output Current @ 2.2V
IOH
-1
mA
8, 11
Output Current @ 0.4V
IOL
4
mA
8, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com