Electronic Components Datasheet Search
  English  ▼

X  

DS3232M Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # DS3232M
Description  ±5ppm, I2C Real-Time Clock with SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232M Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button DS3232M Datasheet HTML 14Page - Maxim Integrated Products DS3232M Datasheet HTML 15Page - Maxim Integrated Products DS3232M Datasheet HTML 16Page - Maxim Integrated Products DS3232M Datasheet HTML 17Page - Maxim Integrated Products DS3232M Datasheet HTML 18Page - Maxim Integrated Products DS3232M Datasheet HTML 19Page - Maxim Integrated Products DS3232M Datasheet HTML 20Page - Maxim Integrated Products DS3232M Datasheet HTML 21Page - Maxim Integrated Products DS3232M Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
DS3232M
±5ppm, I2C Real-Time Clock with SRAM
18
Aging Offset Register (10h)
Temperature Registers (11h–12h)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
0
0
0
0
0
0
0
0
The Aging Offset register takes a user-provided value to add to or subtract from the factory-trimmed value that adjusts the
accuracy of the time base. Use of the Aging Offset register is not needed to achieve the accuracy as defined in the Electrical
Characteristics tables.
The Aging Offset code is encoded in two’s complement, with bit 7 representing the SIGN bit. One LSB typically represents a
0.12ppm change in frequency. The change in ppm per LSB is the same over the operating temperature range. Positive offsets
slow the time base and negative offsets quicken the time base.
Temperature Register (Upper Byte = 11h)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
0
0
0
0
0
0
0
0
Temperature Register (Lower Byte = 12h)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DATA
DATA
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Temperature is represented as a 10-bit code with a resolution of 0.25°C and is accessible at location 11h and 12h. The tem-
perature is encoded in two’s complement format. The upper 8 bits, the integer portion, are at location 11h and the lower 2 bits,
the fractional portion, are at location 12h. For example, 00011001 01b = +25.25°C. Upon power reset, the registers are set to
a default temperature of 0°C and the controller starts a temperature conversion. The temperature is read upon initial applica-
tion of VCC or I2C access on VBAT and once every second afterwards with VCC power or once every 10s with VBAT power. The
Temperature registers are also updated after each user-initiated conversion and are read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com