Electronic Components Datasheet Search
  English  ▼

X  

DS3232M Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS3232M
Description  ±5ppm, I2C Real-Time Clock with SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232M Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS3232M Datasheet HTML 2Page - Maxim Integrated Products DS3232M Datasheet HTML 3Page - Maxim Integrated Products DS3232M Datasheet HTML 4Page - Maxim Integrated Products DS3232M Datasheet HTML 5Page - Maxim Integrated Products DS3232M Datasheet HTML 6Page - Maxim Integrated Products DS3232M Datasheet HTML 7Page - Maxim Integrated Products DS3232M Datasheet HTML 8Page - Maxim Integrated Products DS3232M Datasheet HTML 9Page - Maxim Integrated Products DS3232M Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DS3232M
±5ppm, I2C Real-Time Clock with SRAM
6
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
POWER-SUPPLY CURRENT
vs. POWER-SUPPLY VOLTAGE
60
80
100
120
140
160
180
200
40
SUPPLY VOLTAGE (V)
4.3
3.8
3.3
2.8
2.3
VBAT = 2.3V,
EN32KHZ = 0,
INTCN = 1
TA = -40°C
TA = +85°C
TA = +25°C
VPF
1.0
1.5
2.0
2.5
BATTERY CURRENT
vs. BATTERY VOLTAGE
3.0
0.5
SUPPLY VOLTAGE (V)
4.3
3.8
3.3
2.8
2.3
VCC = 0V,
EN32KHZ = 0,
INTCN = 1
TA = -40°C
TA = +85°C
TA = +25°C
RST OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
4
3
2
1
0.1
0.2
0.3
0.4
0.5
0.6
0
05
VCC = 2.45V
INT/SQW OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0
010
VCC = 2.7V
POWER-SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
300
200
100
80
90
100
110
120
130
140
150
160
170
70
0
400
EN32KHZ = 0,
SDA = INACTIVE
2.6V
3.0V
4.0V
THERMOMETER ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
50
20
-10
-4
-3
-2
-1
0
1
2
3
4
5
-5
-40
80
VCC = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com