Electronic Components Datasheet Search
  English  ▼

X  

CY23FS08OXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY23FS08OXIT
Description  Failsafe??2.5 V/3.3 V Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08OXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY23FS08OXIT Datasheet HTML 3Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 4Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 5Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 6Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 7Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 8Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 9Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 10Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CY23FS08
Document Number: 38-07518 Rev. *F
Page 7 of 15
Figure 7. Duty Cycle
Figure 8. Input Slew Rate
Figure 9. Output Slew Rate
Figure 10. Output to Output Skew and Intrabank Skew
Figure 11. Part to Part Skew
t
1
t
2
Duty Cycle - t
DC
V
DD/2
V
DD/2
V
DD/2
V
DD
0V
= t
1 / t2
t
SR(I)
V
DD
0V
30%
70%
70%
30%
t
SR(I)
t
SR(O)
V
DD
0V
20%
80%
80%
20%
t
SR(O)
V
DD/2
V
DD/2
t
SK
FBK,
Part 1
V
DD/2
t
SK(PP)
V
DD/2
FBK,
Part 2
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com