Electronic Components Datasheet Search
  English  ▼

X  

CY23FS08OXIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY23FS08OXIT
Description  Failsafe??2.5 V/3.3 V Zero Delay Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08OXIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY23FS08OXIT Datasheet HTML 5Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 6Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 7Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 8Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 9Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 10Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 11Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 12Page - Cypress Semiconductor CY23FS08OXIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CY23FS08
Document Number: 38-07518 Rev. *F
Page 9 of 15
Figure 13. Frequency vs. CLOAD Behavior for Example XTAL
Calculated value of the pullability range for the XTAL with C0/C1
ratio of 200, 300, and 400 are shown in Table 4. For this
calculation CLOADMIN = 8 pF and CLOADMAX = 32 pF is used.
Using a XTAL that has a nominal frequency specified at load
capacitance of 14 pF, almost symmetrical pullability range is
obtained.
Next, it is important to calculate the pullability range including
error tolerances. This is the capture range of the input reference
frequency that the FailSafe device and XTAL combination can
reliably span.
Calculating the capture range involves subtracting error
tolerances as follows:
Parameter........................................................ f error (ppm)
Manufacturing frequency tolerance ...................................15
Temperature stability ..........................................................30
Aging ................................................................................... 3
Board/trace variation ........................................................... 5
Total ...................................................................................53
Example: Capture Range for XTAL with C0/C1 Ratio of 200
Negative Capture Range= –385 ppm + 53 ppm = –332 ppm
Positive Capture Range = 333 ppm – 53 ppm = +280 ppm
It is important to note that the XTAL with lower C0/C1 ratio has
wider pullability/capture range as compared to the higher
C0/C1 ratio. This helps to select the appropriate XTAL for use in
the FailSafe application.
Pullability Range vs. CLOAD
(Normalized to 14pF CLOAD)
-400
-300
-200
-100
0
100
200
300
400
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34
CLOAD (pF)
C0/C1 = 200
C0/C1 = 300
C0/C1 = 400
Table 4. Pullability Range from XTAL with Different C0/C1
Ratio
C0/C1 Ratio
CLOADMIN
CLOADMAX
Pullability
Range
200
8
32
–385
333
300
8
32
–256
222
400
8
32
–192
166
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com