Electronic Components Datasheet Search
  English  ▼

X  

MAX2121 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2121
Description  Complete Direct-Conversion L-Band Tuner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2121 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2121 Datasheet HTML 9Page - Maxim Integrated Products MAX2121 Datasheet HTML 10Page - Maxim Integrated Products MAX2121 Datasheet HTML 11Page - Maxim Integrated Products MAX2121 Datasheet HTML 12Page - Maxim Integrated Products MAX2121 Datasheet HTML 13Page - Maxim Integrated Products MAX2121 Datasheet HTML 14Page - Maxim Integrated Products MAX2121 Datasheet HTML 15Page - Maxim Integrated Products MAX2121 Datasheet HTML 16Page - Maxim Integrated Products MAX2121 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Complete Direct-Conversion L-Band Tuner
13
Table 11. Control Register (Address: 0x09)
BIT NAME
BIT LOCATION (0 = LSB)
DEFAULT
FUNCTION
STBY
7
0
Software standby control.
0 = Normal operation.
1 = Disables the signal path and frequency synthesizer leaving only the
2-wire bus, crystal oscillator, XTALOUT buffer, and XTALOUT buffer divider
active.
X
6
X
Don’t care.
PWDN
5
0
Factory use only.
0 = Normal operation; other value is not tested.
X
4
X
Don’t care.
BBG[3:0]
3–0
0000
Baseband gain setting (1dB typical per step).
0000 = Minimum gain (0dB, default).
…
1111 = Maximum gain (15dB typical).
Table 12. Shutdown Register (Address: 0x0A)
BIT NAME
BIT LOCATION (0 = LSB)
DEFAULT
FUNCTION
X
7
X
Don’t care.
PLL
6
0
PLL enable.
0 = Normal operation.
1 = Shuts down the PLL. Value not tested.
DIV
5
0
Divider enable.
0 = Normal operation.
1 = Shuts down the divider. Value not tested.
VCO
4
0
VCO enable.
0 = Normal operation.
1 = Shuts down the VCO. Value not tested.
BB
3
0
Baseband enable.
0 = Normal operation.
1 = Shuts down the baseband. Value not tested.
RFMIX
2
0
RF mixer enable.
0 = Normal operation.
1 = Shuts down the RF mixer. Value not tested.
RFVGA
1
0
RF VGA enable.
0 = Normal operation.
1 = Shuts down the RF VGA. Value not tested.
FE
0
0
Front-end enable.
0 = Normal operation.
1 = Shuts down the front-end. Value not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com