Electronic Components Datasheet Search
  English  ▼

X  

MAX2121 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2121
Description  Complete Direct-Conversion L-Band Tuner
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2121 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2121 Datasheet HTML 2Page - Maxim Integrated Products MAX2121 Datasheet HTML 3Page - Maxim Integrated Products MAX2121 Datasheet HTML 4Page - Maxim Integrated Products MAX2121 Datasheet HTML 5Page - Maxim Integrated Products MAX2121 Datasheet HTML 6Page - Maxim Integrated Products MAX2121 Datasheet HTML 7Page - Maxim Integrated Products MAX2121 Datasheet HTML 8Page - Maxim Integrated Products MAX2121 Datasheet HTML 9Page - Maxim Integrated Products MAX2121 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Complete Direct-Conversion L-Band Tuner
Typical Operating Characteristics (continued)
(MAX2121 Evaluation Kit: VCC = +3.3V, TA = +25°C, baseband output frequency = 5MHz, VGC1 = +1.2V, default register settings
except BBG[3:0] = 1011, unless otherwise noted.)
6
BASEBAND FILTER 3dB FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
-20
0
20
40
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
-40
NORMALIZED AT TA = +25°C
BASEBAND FILTER HIGHPASS
FREQUENCY RESPONSE
BASEBAND FREQUENCY (Hz)
1000
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
-10
100
10,000
VOLTAGE GAIN vs. VGC1
VGC1 (V)
2.5
2.0
0.5
1.0
1.5
10
20
30
40
50
60
70
80
0
0
3.0
BBG[3:0] = 1111
NOISE FIGURE vs. LO FREQUENCY
(TA = +25°C)
LO FREQUENCY (MHz)
1900
1650
1150
1400
7.5
8.0
8.5
9.0
10.0
9.5
10.5
11.0
7.0
900
2150
ADJUST BBG[3:0] FOR 1VP-P BASEBAND
OUTPUT WITH PIN = -75dBm AND VGC1 = 0.5V
10dB BACKED OFF GAIN
NOISE FIGURE vs. INPUT POWER
INPUT POWER (dBm)
-35
-45
-55
-65
10
15
20
25
30
35
5
-75
ADJUST BBG[3:0] for 1VP-P
BASEBAND OUTPUT WITH PIN = -75dBm
AND VGC1 = -0.5V, fLO = 1500MHz
OUT-OF-BAND IIP3 vs. INPUT POWER
INPUT POWER (dBm)
-5
-15
-25
-35
-45
-55
-65
-20
-10
0
10
20
30
-30
-75
SEE NOTE 5 ON PAGE 4 FOR CONDITIONS
IN-BAND IIP3 vs. INPUT POWER
INPUT POWER (dBm)
-5
-15
-65
-55
-45
-35
-25
-50
-40
-30
-20
-10
0
10
20
-60
-75
SEE NOTE 4 ON PAGE 4 FOR CONDITIONS
IIP2 vs. INPUT POWER
INPUT POWER (dBm)
-5
-15
-35
-25
-55
-45
-65
-5
0
5
10
15
20
25
30
35
40
-10
-75
SEE NOTE 6 ON PAGE 4
FOR CONDITIONS
INPUT RETURN LOSS vs. FREQUENCY
FREQUENCY (MHz)
2025
1800
1350
1575
1125
-20
-15
-10
-5
0
-25
900
2250
VGC1 = 2.7V
VGC1 = 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com