Electronic Components Datasheet Search
  English  ▼

X  

H7GP-CD Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # H7GP-CD
Description  Total Counter/Time Counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7GP-CD Datasheet(HTML) 4 Page - Omron Electronics LLC

  H7GP-CD Datasheet HTML 1Page - Omron Electronics LLC H7GP-CD Datasheet HTML 2Page - Omron Electronics LLC H7GP-CD Datasheet HTML 3Page - Omron Electronics LLC H7GP-CD Datasheet HTML 4Page - Omron Electronics LLC H7GP-CD Datasheet HTML 5Page - Omron Electronics LLC H7GP-CD Datasheet HTML 6Page - Omron Electronics LLC H7GP-CD Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
H7GP
4
Connections
■ Terminal Arrangement
Note: Non-contact input is also available.
56
7
8
4
3
2
1
0 V
12 VDC
0 V
56
7
8
4
3
2
1
12 VDC
0 V
56
7
8
4
3
2
1
56
7
8
4
3
2
1
0 V
AC Models
H7GP-C
H7GP-T
DC Models
H7GP-CD
H7GP-TD
Unused
Unused
Unused
12 to 24 VDC
PNP mode
NPN mode
100 to 240 VAC
Unused
NPN mode
PNP mode
100 to 240 VAC
Unused
NPN mode
PNP mode
Unused
Unused
Unused
12 to 24 VDC
PNP mode
NPN mode
External power supply
12 VDC 50 mA max.
Power
supply
Power
supply
Key protection
input
Reset
input
Count
input
Power
supply
Key protection
input
Reset
input
Count
input
External power supply
12 VDC 50 mA max.
Power
supply
Power
supply
Key protection
input
Reset
input
Count
input
Power
supply
Key protection
input
Reset
input
Start
input



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com