Electronic Components Datasheet Search
  English  ▼

X  

H7GP-CD Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # H7GP-CD
Description  Total Counter/Time Counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7GP-CD Datasheet(HTML) 6 Page - Omron Electronics LLC

  H7GP-CD Datasheet HTML 1Page - Omron Electronics LLC H7GP-CD Datasheet HTML 2Page - Omron Electronics LLC H7GP-CD Datasheet HTML 3Page - Omron Electronics LLC H7GP-CD Datasheet HTML 4Page - Omron Electronics LLC H7GP-CD Datasheet HTML 5Page - Omron Electronics LLC H7GP-CD Datasheet HTML 6Page - Omron Electronics LLC H7GP-CD Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
H7GP
6
Dimensions
Note: All units are in millimeters unless otherwise indicated.
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Panel Cutouts
With Flush Mounting Bracket
Terminal cover (provided)
Panel
M3.5 terminal screw
H7GP-C
H7GP-T
Y92S-32 rubber
packing (provided)
Y92F-32 flush mounting
adaptor (provided)
Panel cutouts are as shown below
(according to DIN43700).
Note: 1. The mounting panel thickness should
be 1 to 6 mm.
2. Water resistance will be lost if
Counters are mounted side-by-side.
4. When horizontally mounting Counters
side-by-side, leave at least 50 mm
between any two Counters.
3. The terminal screws are M3.5.
(Theeffective thread length is 6 mm.)
22.2 +0.3
0
45 +0.6
0
22.2 +0.3
0
45 +0.6
0
5.0 min.
50 min.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com