Electronic Components Datasheet Search
  English  ▼

X  

FEE28W Datasheet(PDF) 19 Page - NEC

Part # FEE28W
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE28W Datasheet(HTML) 19 Page - NEC

Back Button FEE28W Datasheet HTML 15Page - NEC FEE28W Datasheet HTML 16Page - NEC FEE28W Datasheet HTML 17Page - NEC FEE28W Datasheet HTML 18Page - NEC FEE28W Datasheet HTML 19Page - NEC FEE28W Datasheet HTML 20Page - NEC FEE28W Datasheet HTML 21Page - NEC FEE28W Datasheet HTML 22Page - NEC FEE28W Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
19
Cores
JIS
A
B
C
D
E(min)
F
FEER22S
22.0±0.4
11.1
6.65±0.25
6.65±0.25
15.5
7.1+0.3
–0
FEER22
22.0±0.3
14.7±0.15
6.65±0.15
6.65±0.1
15.5
10.7±0.15
FEER25.5
FEER25.5A
25.5±0.5
9.3±0.2
7.5±0.2
7.5±0.15
19.8
6.2±0.2
FEER28
FEER28.5A
28.5+0.6
–0.5
14.0±0.2
11.4±0.25
9.9±0.25
21.2
9.6+0.3
–0.2
FEER28L
FEER28.5B
28.5+0.6
–0.5
16.9±0.25
11.4±0.25
9.9±0.25
21.2
12.5+0.3
–0.25
FEER29
30.6+0
–1.6
15.8±0.2
9.8+0
–0.6
9.8+0
–0.6
22.0
11.0±0.13
FEER34
FEER34.2
35.0+0
–1.6
17.3±0.2
11.1+0
–0.6
11.1+0
–0.6
25.5
11.8+0.6
–0
FEER35
35.0±0.7
16.8±0.3
11.3±0.25
11.3±0.25
25.6
10.8±0.3
FEER35L
FEER35A
35.0±0.5
20.7±0.3
11.3±0.25
11.3±0.25
25.6
14.7±0.3
FEER39
FEER39.1
38.9+1.1
–0.7
20.0+0
–0.4
12.8+0
–0.6
12.8+0
–0.6
29.3
14.2+0.8
–0
FEER39L
FEER39
39.0±0.6
22.2±0.3
12.8±0.25
12.8±0.2
28.7
17.0±0.25
FEER40
40.0±0.5
22.4±0.2
13.3±0.25
13.3±0.25
29.0
15.4±0.25
FEER4042
40.0±0.5
21.0±0.2
15.0±0.2
14.0±0.25
30.7
15.0±0.2
FEER42
42.0±0.6
21.2±0.2
15.2±0.2
15.2±0.2
30.5
15.0+0.5
–0
FEER42L
42.0+0.8
–0.5
25.4±0.2
17.3±0.25
17.3±0.25
29.8
17.9±0.2
FEER42A
42.0±0.5
21.2±0.2
20.0+0
–0.8
17.3±0.25
31.8
15.0+0.5
–0
FEER44
FEER44
43.8+1.2
–0.8
22.5+0
–0.4
15.2+0
–0.8
15.2+0
–0.8
32.5
16.1+0.6
–0
FEER49
49.0±0.8
18.8+0.5
–0.1
17.2±0.2
17.2±0.2
36.5
12.2+0.4
–0
C
F
B
Shape and Dimensions
[mm]
FEER-Type Cores
FEER-Type Cores
Cores
JIS
C
1
Ae
Re
Ve
Acp
Acw
AL(nH)
Weight
(mm-1)
(mm2)
(mm)
(mm3)
(mm2)
(mm2)
BH1,BH2
(g)
FEER22S
0.301
35.0
55.4
1940
35.0
68.0
1700±25%
10.0
FEER22
1.665
37.5
62.4
2340
34.7
97.9
1400±25%
12.0
FEER25.5
FEER25.5A
1.16
43.2
50.0
2157
44.2
80.3
2050±25%
10.8
FEER28
FEER28.5A
0.78
85.3
66.8
5702
77.0
114.8
3000±25%
28.5
FEER28L
FEER28.5B
0.95
84.7
78.3
6635
77.0
149.1
2540±25%
33.2
FEER29
0.99
75.0
74.3
5590
71.0
145.0
2500±25%
27.0
FEER34
FEER34.2
0.86
96.6
83.0
8014
91.6
186.3
2930±25%
41.5
FEER35
0.72
110.1
79.0
8695
100.3
160.9
3500±25%
45.0
FEER35L
FEER35A
0.87
108.4
94.5
10248
100.3
220.5
2900±25%
50.7
FEER39
FEER39.1
0.79
123.2
97.1
11970
122.7
259.9
3200±25%
60.0
FEER39L
FEER39
0.80
131.9
106.1
13993
128.7
280.5
3150±25%
70.0
FEER40
0.67
152.8
102.4
15637
138.9
247.9
3750±25%
78.1
FEER4042
0.63
15.0
100.0
15756
153.9
256.5
4000±25%
72.1
FEER42
0.56
182.5
101.8
18574
181.5
241.0
4550±25%
87.6
FEER42L
0.48
239.0
113.6
27180
235.0
232.7
5300±25%
135.9
FEER42A
0.44
232.5
101.4
23572
235.1
228.8
5700±25%
118.0
FEER44
FEER44
0.63
172.0
108.7
18707
172.0
306.7
4000±25%
88.6
FEER49
0.42
229.1
97.2
22263
232.4
245.5
6000±25%
110.0
Numbering System
FEER 28L BH2
① Core size
② Core material
フェライトコア5版_E 10.1.23 13:24 ページ 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com