Electronic Components Datasheet Search
  English  ▼

X  

FEE28W Datasheet(PDF) 20 Page - NEC

Part # FEE28W
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE28W Datasheet(HTML) 20 Page - NEC

Back Button FEE28W Datasheet HTML 16Page - NEC FEE28W Datasheet HTML 17Page - NEC FEE28W Datasheet HTML 18Page - NEC FEE28W Datasheet HTML 19Page - NEC FEE28W Datasheet HTML 20Page - NEC FEE28W Datasheet HTML 21Page - NEC FEE28W Datasheet HTML 22Page - NEC FEE28W Datasheet HTML 23Page - NEC FEE28W Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
20
A
øB
P1
P2
X
øP
t min.
Y
P3
Shape and Dimensions
Bobbins
Type
A
φB
C
E
X
Y
Z
t(min)
ERB28-P1210-F
1
20.8
12.35
16.3
4.5
24.7
23
26.3
0.9
ERB28L-P1212-F
1
20.8
12.275
22.2
4.5
29.7
23
34.7
0.875
ERB35-P1212-F
1
23.5
13.8
18.3
4
30
28
31.8
0.9
ERB42A-P1214-F
1
31.4
20
27.4
4.5
34
35
41.4
1
© Type 1
[mm]
FEER-Type Bobbins
FEER-Type Bobbins
Bobbins
Type
φP
P1
P2
P3
Number of pins
Aw
Rw
Weight
(mm)
(mm)
(mm)
(mm2)
(mm)
(g)
ERB28-P1210-F
1
0.8
5
20
17.5
10
68
52
4.4
ERB28L-P1212-F
1
0.8
5
25
17.5
12
94.6
52
4.3
ERB35-P1212-F
1
1.0
5
25
22.5
12
103
58.6
7.2
ERB42A-P1214-F
1
0.7
5
30
30.0
14
156
80.7
9.5
Numbering Systems
ERB 28L - P12 12 - F
① Core size
② P12: Vertical type
③ Number of pins
④ Material : Phenol resin
フェライトコア5版_E 10.1.23 13:24 ページ 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com