Electronic Components Datasheet Search
  English  ▼

X  

FEE30W Datasheet(PDF) 3 Page - NEC

Part # FEE30W
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE30W Datasheet(HTML) 3 Page - NEC

  FEE30W Datasheet HTML 1Page - NEC FEE30W Datasheet HTML 2Page - NEC FEE30W Datasheet HTML 3Page - NEC FEE30W Datasheet HTML 4Page - NEC FEE30W Datasheet HTML 5Page - NEC FEE30W Datasheet HTML 6Page - NEC FEE30W Datasheet HTML 7Page - NEC FEE30W Datasheet HTML 8Page - NEC FEE30W Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
3
Ferrite Cores VOL.05
INTRODUCTION
Because soft ferrite, such as MOFe2O3 (M:bivalent metal), in the high-frequency range has high
magnetic permeability, a large degree of saturation magnetic flux and large characteristic
resistance compared to metallic magnetic materials, it is extremely populer as a high-
frequency compound.
As switching power supplies rapidly become more compact and thinner, requirements for ferrite
as a high-frequency transformer material are becoming increasingly stringent.
To meet these demands, NEC TOKIN has enhanced its lineup of ferrite cores by adding the
BH1 and BH2 types (-300 kHz) which feature improved core loss over the B25 type (-300
kHz), and B40 (500 kHz -1 MHz) with improved core loss in high frequencies.
Further, the requirements of larger power supply capacities, increasing thinness and high
density mounting are met by the E,FPQ, FEP, FEER and FQK Series, as well as the
surface-mounting FEY Series.
●E type cores
This series features 46 shapes and sizes from FEI 12.5 to
FEE60W, standard-equipped with accessories for accommo-
dating different transformer specifications.
●FPQ type cores
This series features eight shapes and sizes suitable for high
density mounting.
●FEER type cores
This series features 19 shapes and sizes with greater winding
cross-sectional area than the E and FPQ types.
●FEY type cores
This series features htree shapes and sizes suitable for ultra
high-density mounting.
フェライトコア5版_E 10.1.23 13:24 ページ 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com