Electronic Components Datasheet Search
  English  ▼

X  

FEE30W Datasheet(PDF) 14 Page - NEC

Part # FEE30W
Description  Ferrite Cores
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FEE30W Datasheet(HTML) 14 Page - NEC

Back Button FEE30W Datasheet HTML 10Page - NEC FEE30W Datasheet HTML 11Page - NEC FEE30W Datasheet HTML 12Page - NEC FEE30W Datasheet HTML 13Page - NEC FEE30W Datasheet HTML 14Page - NEC FEE30W Datasheet HTML 15Page - NEC FEE30W Datasheet HTML 16Page - NEC FEE30W Datasheet HTML 17Page - NEC FEE30W Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9603FERVOL05E1001T0
Ferrite Cores VOL.05
14
FEI-Type Cores
FEI-Type Cores
Cores
JIS
C
1
Ae
Re
Ve
Acp
Acw
AL(nH)
Weight
(mm-1)
(mm2)
(mm)
(mm3)
(mm2)
(mm2)
BH1,BH2
(g)
FEI12.5
FEI12.5
1.42
15.2
21.6
328
12
17
1400±25%
1.9
FEI16
FEI16
1.79
19.4
34.6
670
19.2
40
1200±25%
3.2
FEI19
FEI19
1.74
22.7
39.8
910
22.5
57
1300±25%
4.4
FEI22
FEI22
0.95
41.7
39.3
1639
33.1
40
2400±25%
8.8
FEI22S
1.16
36.2
42.1
1525
33.1
57
2000±25%
7.7
FEI25
FEI25.4
1.14
41.2
47
1934
43.9
99
2000±25%
11.0
FEI28
FEI28
0.57
85.1
48.6
4139
77
71
4000±25%
24.0
FEI30
FEI30
0.52
111
58.1
6457
115
77
4700±25%
35.0
FEI33
FEI33
0.57
118.1
66.9
7909
124
136
4300±25%
41.5
FEI35
FEI35A
0.68
99.9
67.3
6700
97
127
3650±25%
36.2
FEI35S
FEI35C
0.56
120
67.3
8090
117
137
4400±25%
41.5
FEI40
FEI40
0.52
140
76.8
11378
135.7
163
4750±25%
61.0
FEI44
FEI44
0.46
190
86.5
16400
176
224
5400±25%
82.7
FEI50
FEI50
0.41
230
94.7
21780
231.2
249
5950±25%
110.0
FEI60
FEI60
0.44
247
109
27148
243.4
409
5500±25%
140.0
Numbering System
FEI22 - BH2
① Core size
FEI : FEI-type
FEE : FEE-type
② Core material
Cores
JIS
A
B
C
D
E(min)
F
I
FEI12.5
FEI12.5
12.5±0.2
7.3+0.2
–0
5±0.2
2.5+0
–0.2
9.0
5+0.2
–0
1.5±0.1
FEI16
FEI16
16±0.3
12+0.4
–0
5+0
–0.4
4±0.2
11.8
10+0.4
–0
1.5±0.1
FEI19
FEI19
19.1±0.3
13.3+0.4
–0
5.2+0
–0.4
4.7+0
–0.4
14.4
11+0.5
–0
2.3±0.1
FEI22
FEI22
22±0.3
14.3+0.5
–0
6+0
–0.5
6+0
–0.5
13.0
10.3+0.5
–0
4.5±0.2
FEI22S
22±0.4
14.4+0.5
–0
6+0
–0.5
6+0
–0.5
16.0
10.6+0.4
–0
4±0.2
FEI25
FEI25.4
25.3±0.5
15.3+0.5
–0
7+0
–0.5
6.8+0
–0.6
19.2
12.2+0.4
–0.1
2.7±0.2
FEI28
FEI28
28±0.5
16.5+0.5
–0
11+0
–0.6
7.5+0
–0.6
18.8
12+0.5
–0
3.5±0.3
FEI30
FEI30
30±0.5
21+0.5
–0
11+0
–0.6
11+0
–0.6
19.8
16+0.5
–0
5.5±0.2
FEI33
FEI33
33±0.5
23.3±0.3
13+0
–0.6
10+0
–0.6
23.2
18.8+0.5
–0
5±0.2
FEI35
FEI35A
35+0.8
–0.5
23.8+0.7
–0
10+0
–0.5
10.3+0
–0.6
25.0
18+0.6
–0
5.5±0.2
FEI35S
FEI35C
35+0.8
–0.5
23.8+0.7
–0
12+0
–0.6
10.3+0
–0.6
25.0
18+0.6
–0
5.5±0.2
FEI40
FEI40
40±0.5
27+0.5
–0
12+0
–0.7
12+0
–0.7
27.2
20+0.5
–0
7.5±0.3
FEI44
FEI44
44±0.6
30+0.5
–0
15.3+0
–0.6
12+0
–0.6
31.2
23+0.5
–0
7.0±0.3
FEI50
FEI50
50±0.7
33+0.7
–0
15+0
–0.8
15+0
–0.8
34.0
24.5+0.5
–0
9±0.3
FEI60
FEI60
60±0.8
35.5+0.7
–0
16+0
–0.8
16+0
–0.8
44.1
27.5+0.7
–0
8.5±0.3
F
B
IC
Shape and Dimensions
[mm]
フェライトコア5版_E 10.1.23 13:24 ページ 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com