Electronic Components Datasheet Search
  English  ▼

X  

DAC712 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC712
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC712 Datasheet HTML 2Page - Texas Instruments DAC712 Datasheet HTML 3Page - Texas Instruments DAC712 Datasheet HTML 4Page - Texas Instruments DAC712 Datasheet HTML 5Page - Texas Instruments DAC712 Datasheet HTML 6Page - Texas Instruments DAC712 Datasheet HTML 7Page - Texas Instruments DAC712 Datasheet HTML 8Page - Texas Instruments DAC712 Datasheet HTML 9Page - Texas Instruments DAC712 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DAC712
SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009 ................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS: DAC712PK, UK, PL, UL (continued)
At TA = +25°C, +VCC = +12V and +15V, and –VCC = –12V and –15V, unless otherwise noted.
DAC712PK, UK
DAC712PL, UL(1)
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
Output Voltage Range
+VCC, –VCC = ±11.4V
±10
V
Output Current
±5
mA
Output Impedance
0.1
Ω
Short-Circuit to ACOM, Duration
Indefinite
REFERENCE VOLTAGE
Voltage
+9.975
+10.000
+10.025
V
TMIN to TMAX
+9.960
+10.040
V
Output Resistance
1
Ω
Source Current
2
mA
Short-Circuit to ACOM, Duration
Indefinite
POWER-SUPPLY REQUIREMENTS
Voltage
+VCC
+11.4
+15
+16.5
V
–VCC
–11.4
–15
–16.5
V
Current (No Load, ±15V Supplies)
+VCC
13
15
mA
–VCC
22
25
mA
Power Dissipation(7)
525
600
mW
TEMPERATURE RANGES
Specified Temperature Range (All Grades)
0
+70
°C
Storage Temperature Range
–60
+150
°C
Thermal Coefficient,
θ
JA
DIP Package
75
°C/W
SOIC Package
75
°C/W
(7)
Typical supply voltages times maximum currents.
6
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC712



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com