Electronic Components Datasheet Search
  English  ▼

X  

DAC712 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC712
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC712 Datasheet HTML 7Page - Texas Instruments DAC712 Datasheet HTML 8Page - Texas Instruments DAC712 Datasheet HTML 9Page - Texas Instruments DAC712 Datasheet HTML 10Page - Texas Instruments DAC712 Datasheet HTML 11Page - Texas Instruments DAC712 Datasheet HTML 12Page - Texas Instruments DAC712 Datasheet HTML 13Page - Texas Instruments DAC712 Datasheet HTML 14Page - Texas Instruments DAC712 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
DISCUSSION OF SPECIFICATIONS
LINEARITY ERROR
TOTAL HARMONIC DISTORTION + NOISE
DIFFERENTIAL LINEARITY ERROR
SIGNAL-TO-NOISE AND DISTORTION RATIO
MONOTONICITY
DIGITAL-TO-ANALOG GLITCH IMPULSE
DIGITAL FEEDTHROUGH
SETTLING TIME
DAC712
www.ti.com ................................................................................................................................................. SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009
Linearity error is defined as the deviation of the
Total harmonic distortion + noise is defined as the
analog output from a straight line drawn between the
ratio of the square root of the sum of the squares of
end points of the transfer characteristic.
the values of the harmonics and noise to the value of
the fundamental frequency. It is expressed in % of
the fundamental frequency amplitude at sampling rate
fS.
Differential linearity error (DLE) is the deviation from
1LSB of an output change from one adjacent state to
the next. A DLE specification of ±1/2LSB means that
(SINAD)
the output step size can range from 1/2LSB to
3/2LSB when the digital input code changes from one
SINAD includes all the harmonic and outstanding
code word to the adjacent code word. If the DLE is
spurious components in the definition of output noise
more positive than –1LSB, the D/A converter is said
power in addition to quantizing and internal random
to be monotonic.
noise power. SINAD is expressed in dB at a specified
input frequency and sampling rate, fS.
A D/A converter is monotonic if the output either
increases or remains the same for increasing digital
The amount of charge injected into the analog output
input values. Monotonicity of the DAC712 is ensured
from the digital inputs when the inputs change state.
over the specified temperature range to 13, 14, 15,
It is measured at half-scale at the input codes where
and 16 bits for performance grades DAC712P/U,
as many switches as possible change state—from
DAC712PB/UB, DAC712PK/UK, and DAC712PL/UL,
7FFFh to 8000h.
respectively.
When the analog-to-digital (A/D) converter is not
Settling time is the total time (including slew time) for
selected, high-frequency logic activity on the digital
the D/A output to settle to within an error band
inputs is coupled through the device and shows up as
around its final value after a change in input. Settling
output noise. This noise is digital feedthrough.
times are specified to within ±0.003% of Full-Scale
Range (FSR) for an output step change of 20V and
1LSB. The 1LSB change is measured at the Major
Carry (FFFFh to 0000h, and 0000h to FFFFh: BTC
codes), the input transition at which worst-case
settling time occurs.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC712



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com